Electronic Components Datasheet Search
  English  ▼

X  

CT-1002 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CT-1002
Description  Ferrule with Expanded Sleeves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CT-1002 Datasheet(HTML) 1 Page - PANDUIT CORP.

  CT-1002 Datasheet HTML 1Page - PANDUIT CORP. CT-1002 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Ferrule with Expanded Sleeves
SPECIFICATION SHEET
Ferrules with expanded sleeves shall be designed with
a seamless tin plated copper barrel and be suitable
for wires with thick insulation to provide consistent,
reliable terminations in terminal block and panel building
applications. Ferrules with expanded sleeves shall
meet UL 486F, CSA-C22.2 No. 291-14 and DIN 46228
requirements for color and single wire containment.
Ferrules with expanded sleeves shall be available in a
range of wire sizes. Ferrules with expanded sleeves shall
be installed with controlled cycle tools for quality crimps.
Ferrules with expanded sleeves are designed
to ensure superior performance in panel
building and terminal block applications
requiring the use of wires with thick insulation.
Wires with thick insulation include wires
with flexible insulation. Panduit ferrules
provide a high quality termination solution
that contributes to the overall reliability and
productivity of the physical infrastructure.
applications
Related Products
Ferrules with Short Circuit
Protection Sleeves (FSDX)L)
Sleeve
color
standard:
DIN
Wire range: 16 to 6 AWG
(1.5 to 16.0mm2)
Pin length
(varies):
0.31" to 0.47"
(8.0 to 12.0mm)
Ferrules with Sleeves
Sleeve
color
standard:
DIN
Wire range: 26 AWG to 300 kcmil
(0.14 to 150.0mm2)
Pin length
(varies):
0.24" to 1.26"
(6.0 to 32.0mm)
Ferrules with Sleeves for
Twin Wires (FTD)
Sleeve
color
standard:
DIN
Wire range: 22 to 6 AWG
(0.5 to 16.0 mm2)
Pin length
(varies):
0.31" to 0.63"
(8.0 to 16.0mm)
Ferrules without Sleeves (F)
Sleeve
color
standard:
N/A
Wire range: 22 AWG to 500 kcmil
(0.25 to 240.0mm2)
Pin length
(varies):
0.20" to 1.57"
(5.0 to 40.0mm)
Ferrules with Sleeves on
Strips (FSD)
Sleeve
color
standard:
DIN
Wire range: 22 to 14 AWG
(0.50 to 2.5 mm2)
Pin length:
0.31"
(8.0mm)
Ferrules with Sleeves on
Reels (FSD)
Sleeve
color
standard:
DIN
Wire range: 24 to 14 AWG
(0.25 to 2.5mm2)
Pin length:
0.31"
(8.0mm)
technical information
Industry standards:
Meets UL 486F, CSA-C22.2 No. 291-14 and DIN 46228 standards*
Fiber compatibility:
221°F (105°C)
* UL 486F for 1/0-20AWG
* UL 486F for 1/0-20AWG
key features and benefits
Expanded
polypropylene sleeve
Provides a wider inside diameter to allow ferrules to fit easily
over thick insulated wire, ideal for use in the U.S and for use
with flexible wire.
Funnel wire entry
Forms a guide for easy insertion of wire strands into the crimp
barrel to enhance the installation process and improve productivity
Colored sleeves
Allows visual color designation of wire size to aid in identification
and quality inspection
Seamless crimp
barrel design
Provides a consistent and reliable installation
Meets UL 486F,
CSA-C22.2 No. 291-14
and DIN 46228 standards*
Ensures ferrules meet both dimensional and performance
requirements for improved safety and product compatibility


Similar Part No. - CT-1002

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CT-1002 PANDUIT-CT-1002 Datasheet
86Kb / 1P
REPLACEMENT SPRING KIT FOR CT-1002, CT-1003 and CT-1004 INSTALLATION INSTRUCTIONS
Rev: 02 11-2016
CT-1002 PANDUIT-CT-1002 Datasheet
132Kb / 1P
FERRULE - SINGLE WIRE (DIN)
7/11 REV 09
CT-1002 PANDUIT-CT-1002 Datasheet
588Kb / 4P
PAN-TERM Terminals, Ferrules, and Crimping Tools
5/2007
More results

Similar Description - CT-1002

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
QLM-40-20-10 QUALTEK-QLM-40-20-10 Datasheet
2Mb / 2P
QLM Fan Vibration Sleeves
logo
List of Unclassifed Man...
WB26SM ETC2-WB26SM Datasheet
62Kb / 1P
WIRE WRAPPING BITS & SLEEVES
logo
Glenair, Inc.
850-018-22 GLENAIR-850-018-22 Datasheet
128Kb / 1P
Size 22 Socket Contact with Expanded Wire Accommodation
850-019-22 GLENAIR-850-019-22 Datasheet
126Kb / 1P
Size 22 Pin Contact with Expanded Wire Accommodation
850-020-22 GLENAIR-850-020-22 Datasheet
126Kb / 1P
Socket Contact with Expanded Wire Accommodation
logo
Bel Fuse Inc.
F960 BEL-F960 Datasheet
637Kb / 2P
Expanded Beam Connector
logo
Texas Instruments
FPC202 TI1-FPC202 Datasheet
711Kb / 10P
Dual Port Controller With Expanded I/Os
logo
Bel Fuse Inc.
D38999 BEL-D38999 Datasheet
694Kb / 2P
Expanded Beam Connectors
logo
Lapp.
4571196 LAPP-4571196 Datasheet
71Kb / 1P
Flat groud straps with sleeves
07.08.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com