Electronic Components Datasheet Search
  English  ▼

X  

CT-1002 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CT-1002
Description  Ferrule with Expanded Sleeves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CT-1002 Datasheet(HTML) 2 Page - PANDUIT CORP.

  CT-1002 Datasheet HTML 1Page - PANDUIT CORP. CT-1002 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Panduit Corp.
ALL RIGHTS RESERVED.
WW-TMSP02
4/2015
Ferrule with Expanded Sleeves
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300 and reference TMSP02
Visit us at www.panduit.com
For more information
ordering information
other control panel products available
PanelMax™DIN
Rail Wiring Duct
Innovative wire
management solution
that maximizes space
utilization within
industrial enclosures
Cable Ties and Mounts
Reliably secure wiring
to panel where holes
cannot be drilled
Spiral Wrap
Offers abrasion protection
for wires, cables, hoses
and tubing
LS9Q Hand-Held Printer
Thermal transfer printer
with QWERTY keyboard
design
Patch Cords
Available for a variety
of categories, keyed,
shielded, and in a variety
of colors and lengths to
provide additional
design flexibility
recommended installation tools
Part Number
Wire Size
Color
Code
Max. Wire
Insul. Dia
Length
Pin Length
Inside
Diameter
Wire Strip
Length
Tool
Std.
Pkg.
Qty.
AWG mm2
(In.)
mm
(In.)
mm
(In.)
mm
(In.)
mm
(In.)
mm
FSDX75-8-D
20
AWG
0.50 White 0.12
3.0
0.53
13.5
0.31
8.0
0.04
1.1
15/32 11.9
CT-1002,
CT-1003,
CT-1123
500
FSDX76-8-D
20
AWG
0.75
Gray
0.14
3.4
0.55
14.0
0.31
8.0
0.05
1.3
15/32 11.9
500
FSDX77-8-D
18
AWG
1.00
Red
0.14
3.4
0.57
14.5
0.31
8.0
0.06
1.5
15/32 11.9
500
FSDX78-8-D
16
AWG
1.50 Black 0.15
3.8
0.57
14.5
0.31
8.0
0.07
1.8
15/32 11.9
500
FSDX84-12-C
6
AWG
16.00 Blue
0.37
9.5
0.91
23.0
0.47
12.0
0.24
6.0
7/8
22.2
CT-1004,
CT-1104
100
Part Number
Part Description
Std.
Pkg.
Qty.
Contour Crimp™ Controlled Cycle Hand Operated Crimping Tool
CT-1002
Controlled cycle crimp tool with trapezoid profile for #26 – 10 AWG
(0.14 – 6.0mm²) insulated and non-insulated single wire ferrules and
#22 – 12 AWG (0.50 – 4.0mm²) insulated twin wire ferrules.
1
CT-1004
Controlled cycle crimp tool with trapezoid profile for #8 – 6 AWG
(10.0 – 16.0mm²) insulated and non-insulated ferrules and #10 AWG
(6.0mm²) insulated twin wire ferrules.
1
CT-1104
Controlled cycle crimp tool with square profile for #8 – 6 AWG
(10.0 – 16.0mm²) insulated and non-insulated ferrules and #10 AWG
(6.0mm²) insulated twin wire ferrules.
1
CT-1123
Controlled cycle crimp tool with square profile for #26 – 8 AWG
(0.14 – 10.0mm²) insulated and non-insulated ferrules and #22 – 12 AWG
(0.50 – 4.0mm²) insulated twin wire ferrules.
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com