Electronic Components Datasheet Search
  English  ▼

X  

SML010BAT Datasheet(PDF) 1 Page - Rohm

Part # SML010BAT
Description  Chip LEDs with Reflector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML010BAT Datasheet(HTML) 1 Page - Rohm

  SML010BAT Datasheet HTML 1Page - Rohm SML010BAT Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
100
4
660
650
610
2.2
5.6
2.2
2.2
6.3
3.6
10
16
6.3
6.3
585
570
5.6
25
555
25
40
20
20
1.75
2.0
2.1
2.2
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT
75
30
70
25
60
75
4
-30 to +85
-40 to +85
:Duty
1/5, pulse width
1ms.
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
Absolute Maximum Ratings (Ta=25
∞C)
Electrical Optical Characteristics (Ta=25
∞C)
(Unit:mm)
1.6
Dimensions (Unit:mm)
Directivity (Typ.)
The recommended thickness of the screen mask
for soldering is between 100 and 150
µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
SML-010 Series
Blue
Pure Green
Yellow
Orange
Red
Red
SML010BAT
94
20
70
5
-40 to +100
SML010BAT
3.8
428
65
3.6
9
5
note) "-" will be taken out for emitting color B/E series.
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Chip LEDs with Reflector
1208<3.0 2.0 t=1.3mm> Standard Type
Green
(Yellowish Green)
Transparent
Colorless
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT
3020(1208) 3.0
×2.0(t=1.3)
Pure Green
Blue
GaAsP on GaP
Green(Yellowish Green)
Yellow
Orange
Red
GaP
GaAlAs on GaAs
GaN on SiC
SML010BAT
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <2,500pcs:reel>
Feeding direction
Reel Specifications
Label Position
11.4
±1
Tolerance:
±0.2
Tolerance:
±0.2
Rev.C
2
±0.05
4
±0.1
φ1.5
2.4
+1
0
1.6
Tolerance:
±0.2
Terminal
Cathode mark
3.0
2.3
0.5
0.3
1.6
2-R0.3
1.3
+0.2
-0.1
LED Die
(SML010 series only)
LED Die
(Except SML010 series)
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Y
X
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
SML010 series
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
SML-010 series
Y
X
Y’
X’


Similar Part No. - SML010BAT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML010BAT ROHM-SML010BAT Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
More results

Similar Description - SML010BAT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
Standard Type Chip LEDs with reflector
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
logo
Everlight Electronics C...
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
High Performance with Reflector LEDs
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
High Performance with Reflector LEDs
logo
Rohm
SML-012P8T ROHM-SML-012P8T Datasheet
104Kb / 2P
Chip LEDs with Reflector Standard Type
logo
Everlight Electronics C...
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
High Performance with Reflector LEDs
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
Standard Type Chip LEDs with reflector
logo
Everlight Electronics C...
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
High Performance with Reflector LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com