Electronic Components Datasheet Search
  English  ▼

X  

SML010BAT Datasheet(PDF) 2 Page - Rohm

Part # SML010BAT
Description  Chip LEDs with Reflector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML010BAT Datasheet(HTML) 2 Page - Rohm

  SML010BAT Datasheet HTML 1Page - Rohm SML010BAT Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
∞
∞
Derating
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Relative Luminous Intensity - Case Temperature
Relative Luminous Intensity - Forward Current
Relative Luminous Intensity - Forward Current
Relative Luminous Intensity - Forward Current
Rev.C
Electrical Characteristic Curves
Forward Current - Forward Voltage
20
10
0
010
20
30
40
50
70
80
60
90
30
AMBIENT TEMPERATURE : Ta
(
°C)
SML-010YT
SML010BAT
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT
----
----
----
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
Ta=25
°C
----
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020
304050
60
PEAK FORWARD CURRENT : IF peak
(mA)
Ta=25
°C
----
150
100
50
0
FORWARD CURRENT : IF
(
mA)
510
15
20
0
Ta=25
°C
----
SML-010LT
SML-010YT
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML010BAT
FORWARD VOLTAGE : VF
(V)
10
1.0
0.1
1.5
2.0
2.5
3.0
3.5
4.0
50
SML-010YT
SML010BAT
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT
----
----
----
----
----
----
1.4
1.2
1.0
0.8
0.6
0.4
40
-20 -10
20
50
30
010
60 70 80
1.6
IF=20mA
CASE TEMPERATURE : Tc
(
°C)
SML-010YT
SML010BAT
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT
----
----
----
----
----
Ta=25
°C
1
3.5
5
PULSE DURATION : Tw
(
µs)
10
5
100
1000
10000
----
1
2.5
5
PULSE DURATION : Tw
(
µs)
10
510
2
10
3
10
4
----
SML010BAT
1
2.4
5
PULSE DURATION : Tw
(
µs)
10
5
100
1000
10000
----
SML-010YT
SML-010PT
SML-010MT
SML-010YT
SML-010DT
SML-010VT
SML-010LT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com