Electronic Components Datasheet Search
  English  ▼

X  

MEHT187 Datasheet(PDF) 14 Page - PANDUIT CORP.

Part # MEHT187
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MEHT187 Datasheet(HTML) 14 Page - PANDUIT CORP.

Back Button MEHT187 Datasheet HTML 9Page - PANDUIT CORP. MEHT187 Datasheet HTML 10Page - PANDUIT CORP. MEHT187 Datasheet HTML 11Page - PANDUIT CORP. MEHT187 Datasheet HTML 12Page - PANDUIT CORP. MEHT187 Datasheet HTML 13Page - PANDUIT CORP. MEHT187 Datasheet HTML 14Page - PANDUIT CORP. MEHT187 Datasheet HTML 15Page - PANDUIT CORP. MEHT187 Datasheet HTML 16Page - PANDUIT CORP. MEHT187 Datasheet HTML 17Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
www.panduit.com
Metal Embossing Tools
Part Number
Description
Std.
Pkg.
Qty.
Portable Embossing Systems
PES400
Portable embossing system 3/16" (4.77mm) character, 11.5" (292mm) x 21.0"
(534mm) x 19.0" (483mm), 95 lbs. (43 kg), 115 volt, 60 Hz with Easy-Mark™ Software
1
Metal Indenting Machine
MIM187
Indenting machine with 3/16" (4.77mm) character wheel,
11.25" (286mm) x 16.25" (413mm) x 11.75" (298mm), 41 lbs. (18.6 kg).
1
MIM125
Indenting machine with 1/8" (3.18mm) character wheel,
11.25" (286mm) x 16.25" (413mm) x 11.75" (298mm), 41 lbs. (18.6 kg).
MIM094
Indenting machine with 3/32" (2.38mm) character wheel,
11.25" (286mm) x 16.25" (413mm) x 11.75" (298mm), 41 lbs. (18.6 kg).
Metal Embossing Hand Tool Kit
MEHT187
Includes tool, additional marking wheel, carrying case, one roll each
META (aluminum) and METS (stainless steel) tape. Characters included:
A B C D E F G H I J K L M N O P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 9 / ( ).
1
Note: See our online custom order form: https://www.panduit.com/en/support/download-center/Custom-Order-Forms.html
Permanent Identification
Part Number
Material Color
Length
Width
Max.
3/16"
(4.77mm)
Characters
per Line
Max.
Lines
Recommended
Tie Cross
Section
In.
mm
In.
mm
Standard Heavy
Metal Marker Plates – Dual Cable Tie Installation
Stainless Steel Marker Plates
MMP350-C
304SS
Natural
3.50
89.0
0.75 19.0
23
3
X
MMP350-C316
316SS
MMP350H-C
304SS
20
X
MMP350H-C316
316SS
MMP350W38-CQ
304SS
0.38 10.0
1
X
MMP350W38-CQ316
316SS
MMP172-C
304SS
1.72
44.0
0.75 19.0
8
3
MMP172-C316
316SS
MMP172W38-C
304SS
0.38 10.0
1
MMP172W38-C316
316SS
Metal Tags – Single Cable Tie Installation
Stainless Steel Tags
MT350-C
304SS
Natural
3.50
89.0
0.75 19.0
26
3
X
MT350-C316
316SS
MT172-C
304SS
1.72
44.0
10
MT172-C316
316SS
MT1D-Q
304SS
1.00* 25.0**
N/A
N/A
5
1
MT150D-Q
304SS
1.50* 38.0**
5, 6, 5
3
*Diameter (In.) **Diameter (mm).
Representative offering only, consult www.panduit.com for complete listing of product.
Permanent Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com