Electronic Components Datasheet Search
  English  ▼

X  

MEHT187 Datasheet(PDF) 15 Page - PANDUIT CORP.

Part # MEHT187
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MEHT187 Datasheet(HTML) 15 Page - PANDUIT CORP.

Back Button MEHT187 Datasheet HTML 9Page - PANDUIT CORP. MEHT187 Datasheet HTML 10Page - PANDUIT CORP. MEHT187 Datasheet HTML 11Page - PANDUIT CORP. MEHT187 Datasheet HTML 12Page - PANDUIT CORP. MEHT187 Datasheet HTML 13Page - PANDUIT CORP. MEHT187 Datasheet HTML 14Page - PANDUIT CORP. MEHT187 Datasheet HTML 15Page - PANDUIT CORP. MEHT187 Datasheet HTML 16Page - PANDUIT CORP. MEHT187 Datasheet HTML 17Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.panduit.com
15
Part Number
Description
Std.
Pkg.
Qty.
TDP43ME
300 dpi printer (up to 4.00" per second); includes moderate-use printer,
Easy-Mark™ Labeling Software, RMEH4BL black hybrid ribbon, user manual,
quick start card, driver disk, USB cable, AC power adapter with U.S. power cord; for
use in North America
1
TDP43ME-KIT
TDP43ME printer, Easy-Mark™ Labeling Software, RMEH4BL black hybrid ribbon,
user manual, quick start card, TDP43ME-CASE carrying case, one roll S100X-
150VATY labels, roll stand, driver disk, USB cable, AC power adapter with U.S.
power cord; for use in North America
TDP43HE
300 dpi printer (up to 8.00" per second); includes high-volume printer, Easy-Mark™
Labeling Software, RMEH4BL black hybrid ribbon, user manual, quick start card,
driver disk, USB cable, AC power adapter with U.S. power cord; for use in
North America
TDP46HE
600 dpi printer (up to 4.00" per second); includes high-volume printer, Easy-Mark™
Labeling Software, RMEH4BL black hybrid ribbon, user manual, quick start
card, driver disk, USB cable, AC power adapter with U.S. power cord; for use
in North America
Thermal Transfer Desktop Printers
Desktop
Printers
Description
Std.
Pkg.
Qty.
EMPLUS-CD
Easy-Mark Plus™ Labeling Software, CD-ROM
1
EMPLUS-DL
Easy-Mark Plus™ Labeling Software, online download.
EMPLUS-2GO
Easy-Mark Plus™ Portable Application, USB flash drive.
EMPLUS-SERVER Easy-Mark Plus™ Labeling Software, networkable server based version.
Identification Software
Part Number
Description
Std.
Pkg.
Qty.
MP300
Offers a wide variety of die-cut and continuous label sizes up to 1.5" wide, an
automatic cutter for full and half cuts, 360 DPI resolution and fast printing speed.
Includes label cassette, hard carrying case, rechargeable battery pack, magnetic
attachments, USB cable, and power adapter. Available only in North America.
1
MP200
Offers continuous labels up to 1.0" wide, print speeds up to 1.2" per second,
a powered cutter for both full and half cuts, a large LCD back-lit screen, custom
label modes, bar-codes and symbols. Includes continuous label cassette and a
quick reference card. For use globally.
MP200-KIT
The MP200-KIT printer is a rugged, high performance, economical industrial
printer. It features fast print speeds up to 1.2"/sec, a powered cutter, a large
LCD backlit screen, custom label modes, barcodes and symbols. The MP200
prints continuous tapes up to 1.0" wide for network, electrical, and other industrial
applications. It comes with the printer, a continuous label cassette, hard carrying
case, rechargeable battery pack, magnetic feet, USB cable, and power adapter.
For use in North America.
Thermal Transfer Hand-Held Printers
Mobile and Desktop
Printers
Easy-Mark Plus™
Labeling Software
© 2021 Panduit Corp. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com