Electronic Components Datasheet Search
  English  ▼

X  

SP8M4 Datasheet(PDF) 2 Page - Rohm

Part # SP8M4
Description  4V Drive NchPch MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M4 Datasheet(HTML) 2 Page - Rohm

  SP8M4 Datasheet HTML 1Page - Rohm SP8M4 Datasheet HTML 2Page - Rohm SP8M4 Datasheet HTML 3Page - Rohm SP8M4 Datasheet HTML 4Page - Rohm SP8M4 Datasheet HTML 5Page - Rohm SP8M4 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP8M4
Transistors
Rev.B
2/5
N-ch
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
−
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
∗
∗
∗
∗
∗
∗
∗
∗
∗
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−
10
µAVGS=20V, VDS=0V
VDD 15V
30
−−
VID
=1mA, VGS=0V
−−
1
µAVDS=30V, VGS=0V
1.0
−
2.5
V
VDS
=10V, ID=1mA
−
12
18
ID
=9.0A, VGS=10V
−
16
24
m
Ω ID=9.0A, VGS=4.5V
−
17
25
ID
=9.0A, VGS=4V
7.0
−−
SID
=9.0A, VDS=10V
−
1190
−
pF
VDS
=10V
−
340
190
−
pF
VGS
=0V
−
10
−
pF
f
=1MHz
VGS
=10V
RL
=3.33Ω
RG
=10Ω
−
15
−
ns
−
55
−
ns
−
22
−
ns
−
15
−
ns
−
3.0
−
nC
−
6.1
−
nC
VGS
=5V
−−
nC
ID
=9.0A
ID
=4.5A, VDD 15V
Body diode characteristics (Source-Drain) (Ta=25
°C)
VSD
−−
1.2
V
IS
=6.4A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗
Forward voltage
∗Pulsed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com