Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T32GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T32GS
Description  Dual supply 2-input OR gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T32GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP1T32GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Nexperia
74AXP1T32
Dual supply 2-input OR gate
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
VCCI
1
input supply voltage
GND
2
ground (0 V)
A
3
data input A
Y
4
data output Y
B
5
data input B
VCCO
6
output supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = Don’t care; Z = high-impedance OFF-state.
Supply voltage
Input
Output
VCCI
VCCO
A
B
Y
0.7 V to 2.75 V
1.2 V to 5.5 V
L
L
L
0.7 V to 2.75 V
1.2 V to 5.5 V
L
H
H
0.7 V to 2.75 V
1.2 V to 5.5 V
H
L
H
0.7 V to 2.75 V
1.2 V to 5.5 V
H
H
H
GND
1.2 V to 5.5 V
X
X
Z
0.7 V to 2.75 V
GND
X
X
Z
GND
GND
X
X
Z
74AXP1T32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 28 February 2022
3 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com