Electronic Components Datasheet Search
  English  ▼

X  

74AXP1T32GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T32GS
Description  Dual supply 2-input OR gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T32GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP1T32GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Nexperia
74AXP1T32
Dual supply 2-input OR gate
11.1. Waveform, graphs and test circuit
aaa-025602
VOH
VOL
VI
Y output
A, B input
VM
VM
VM
VM
GND
90 %
90 %
tPHL
tPLH
tTHL
tTLH
10 %
10 %
Measurement points are given in Table 13.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. Input A, B to output Y propagation delay times and output transition times
Table 13. Measurement points
Supply voltage
Output
Input
VCCI
VCCO
VM
VM
VI
0.75 V to 2.7 V
1.2 V to 5.5 V
0.5VCCO
0.5VCCI
VCCI
CL (pF)
0
120
90
30
60
aaa-018538
2
4
6
tpd
(ns)
0
(1)
(2)
(3)
Tamb = -40 °C to +85 °C unless otherwise specified.
(1) Minimum: VCCO = 5.5 V
(2) Typical: Tamb = 25 °C; VCCO = 5 V
(3) Maximum: VCCO = 4.5 V
Fig. 6. Additional propagation delay versus load
capacitance
CL (pF)
0
120
90
30
60
aaa-018539
2
4
6
tpd
(ns)
0
(2)
(3)
(1)
Tamb = -40 °C to +85 °C unless otherwise specified.
(1) Minimum: VCCO = 3.6 V
(2) Typical: Tamb = 25 °C; VCCO = 3.3 V
(3) Maximum: VCCO = 3 V
Fig. 7. Additional propagation delay versus load
capacitance
74AXP1T32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 28 February 2022
10 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com