Electronic Components Datasheet Search
  English  ▼

X  

74AXP2T45DC Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
Table 8. Typical total supply current ICC(A) at Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V).
VCC(B)
VCC(A)
0 V
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
0 V
0.00
0.01
0.01
0.01
0.01
0.01
0.01
0.01
μA
0.9 V
0.01
0.08
0.08
0.08
0.08
0.08
0.08
0.08
μA
1.2 V
0.01
0.10
0.10
0.10
0.10
0.10
0.10
0.10
μA
1.5 V
0.01
0.13
0.13
0.13
0.13
0.13
0.13
0.13
μA
1.8 V
0.01
0.16
0.16
0.16
0.16
0.16
0.16
0.16
μA
2.5 V
0.01
0.22
0.22
0.22
0.22
0.22
0.22
0.22
μA
3.3 V
0.01
0.29
0.29
0.29
0.29
0.29
0.29
0.29
μA
5.0 V
0.01
0.44
0.44
0.44
0.44
0.44
0.44
0.44
μA
Table 9. Typical total supply current ICC(B) at Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V).
VCC(B)
VCC(A)
0 V
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
0 V
0.00
0.01
0.01
0.01
0.01
0.01
0.01
0.01
μA
0.9 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
1.2 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
1.5 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
1.8 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
2.5 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
3.3 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
5.0 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 19 March 2020
8 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com