Electronic Components Datasheet Search
  English  ▼

X  

74AXP2T45DC Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
Table 13. Dynamic characteristics for temperature range -40 °C to +85 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 7; for waveforms see Fig. 5 and Fig. 6.
VCC(B)
1.2 V ± 0.1 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
nA to nB
[1]
VCC(A) = 1.2 V ± 0.1 V
4.0
38
3.6
25
3.4
21
3.1
16
2.9
14.5
2.7
14.5
ns
VCC(A) = 1.5 V ± 0.1 V
3.5
33
3.0
21
2.8
16.5
2.6
12.5
2.4
10.5
2.2
9.8
ns
VCC(A) = 1.8 V ± 0.15 V
3.1
32
2.7
19
2.4
15
2.2
11
2.1
9.0
1.9
8.2
ns
VCC(A) = 2.5 V ± 0.2 V
2.8
31
2.4
17.5
2.1
13.5
1.9
9.1
1.7
7.5
1.6
6.6
ns
VCC(A) = 3.3 V ± 0.3 V
2.7
31
2.3
17
2.0
13
1.8
8.5
1.6
6.9
1.4
5.8
ns
VCC(A) = 5.0 V ± 0.5 V
2.7
31
2.2
16.5
1.9
12.5
1.6
8.1
1.4
6.4
1.2
5.0
ns
nB to nA
VCC(A) = 1.2 V ± 0.1 V
4.0
38
3.5
33
3.1
32
2.8
31
2.7
31
2.7
31
ns
VCC(A) = 1.5 V ± 0.1 V
3.6
25
3.0
21
2.7
19
2.4
17.5
2.3
17
2.2
16.5
ns
VCC(A) = 1.8 V ± 0.15 V
3.4
21
2.8
16.5
2.4
15
2.1
13.5
2.0
13
1.9
12.5
ns
VCC(A) = 2.5 V ± 0.2 V
3.1
16
2.6
12.5
2.2
11
1.9
9.1
1.8
8.5
1.6
8.1
ns
VCC(A) = 3.3 V ± 0.3 V
2.9
14.5
2.4
10.5
2.1
9.0
1.7
7.5
1.6
6.9
1.4
6.4
ns
tpd
propagation
delay
VCC(A) = 5.0 V ± 0.5 V
2.7
14.5
2.2
9.8
1.9
8.2
1.6
6.6
1.4
5.8
1.2
5.0
ns
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 19 March 2020
10 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com