Electronic Components Datasheet Search
  English  ▼

X  

74HC03D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC03D
Description  Quad 2-input NAND gate; open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC03D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC03D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The 74HC03; 74HCT03 is a quad 2-input NAND gate with open-drain outputs. Inputs
include clamp diodes that enable the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2.
Features and benefits
 Input levels:
 For 74HC03: CMOS level
 For 74HCT03: TTL level
 Complies with JEDEC standard no. 7A
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 C to +85 C and from 40 C to +125 C
3.
Ordering information
74HC03; 74HCT03
Quad 2-input NAND gate; open-drain output
Rev. 4 — 27 November 2015
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC03D
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74HCT03D
74HC03DB
40 C to +125 C
SSOP14
plastic shrink small outline package; 14 leads; body
width 5.3 mm
SOT337-1
74HCT03DB
74HC03PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT03PW


Similar Part No. - 74HC03D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC03D PHILIPS-74HC03D Datasheet
55Kb / 8P
Quad 2-input NAND gate
December 1990
logo
Toshiba Semiconductor
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC03D NEXPERIA-74HC03D Datasheet
226Kb / 11P
Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
74HC03D-Q100 NEXPERIA-74HC03D-Q100 Datasheet
708Kb / 14P
Quad 2-input NAND gate
logo
NXP Semiconductors
74HC03DB PHILIPS-74HC03DB Datasheet
58Kb / 8P
Quad 2-input NAND gate
December 1990
More results

Similar Description - 74HC03D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jan-1993
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
logo
Nexperia B.V. All right...
74HC03 NEXPERIA-74HC03 Datasheet
226Kb / 11P
Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com