Electronic Components Datasheet Search
  English  ▼

X  

74HC03D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC03D
Description  Quad 2-input NAND gate; open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC03D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC03D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC03D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC_HCT03
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2015
2 of 14
NXP Semiconductors
74HC03; 74HCT03
Quad 2-input NAND gate; open-drain output
4.
Functional diagram
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
Fig 4.
Pin configuration SO14
Fig 5.
Pin configuration (T)SSOP14
Table 2.
Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10, 13
data input
1Y to 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com