Electronic Components Datasheet Search
  English  ▼

X  

74HC20DB Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC20DB
Description  Dual 4-input NAND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC20DB Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC20DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74HC_HCT20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 3 September 2012
7 of 16
NXP Semiconductors
74HC20; 74HCT20
Dual 4-input NAND gate
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Waveforms showing the input (nA, nB, nC, nD) to output (nY) propagation delays and the output
transition times
Q$Q%Q&
Q' LQSXW
Q< RXWSXW
90
9;
9,
W7+/
W7/+
92+
90
9<
92/
*1'
DDD
W3+/
W3/+
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC20
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT20
1.3 V
1.3 V
0.1VCC
0.9VCC
Test data is given in Table 9.
Definitions test circuit:
RT = termination resistance should be equal to output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Fig 8.
Test circuit for measuring switching times
001aah768
tW
tW
tr
tr
tf
VM
VI
negative
pulse
GND
VI
positive
pulse
GND
10 %
90 %
90 %
10 %
VM
VM
VM
tf
VCC
DUT
RT
VI
VO
CL
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com