Electronic Components Datasheet Search
  English  ▼

X  

74HC20DB Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC20DB
Description  Dual 4-input NAND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC20DB Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC20DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC20DB Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74HC_HCT20
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 3 September 2012
8 of 16
NXP Semiconductors
74HC20; 74HCT20
Dual 4-input NAND gate
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC20
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT20
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com