Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 653
Description  3-to-8 line decoder, demultiplexer with address latches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC237
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 7 — 29 January 2016
10 of 17
Nexperia
74HC237
3-to-8 line decoder, demultiplexer with address latches
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 10. Test circuit for measuring switching times
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC237
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com