Electronic Components Datasheet Search
  English  ▼

X  

74HC273DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC273DB
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC273DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 5 — 26 February 2016
4 of 20
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 5.
Pin configuration SO20, SSOP20 and
TSSOP20
Fig 6.
Pin configuration DHVQFN20
Table 2.
Pin description
Symbol
Pin
Description
MR
1
master reset input (active LOW)
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
2, 5, 6, 9, 12, 15, 16, 19
flip-flop output
D0, D1, D2, D3, D4, D5, D6, D7
3, 4, 7, 8, 13, 14, 17, 18
data input
GND
10
ground (0 V)
CP
11
clock input (LOW-to-HIGH, edge-triggered)
VCC
20
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com