Electronic Components Datasheet Search
  English  ▼

X  

74HC273DB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC273DB
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273DB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC273DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC273DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC273; 74HCT273 is an octal positive-edge triggered D-type flip-flop. The device
features clock (CP) and master reset (MR) inputs. The outputs Qn will assume the state of
their corresponding Dn inputs that meet the set-up and hold time requirements on the
LOW-to-HIGH clock (CP) transition. A LOW on MR forces the outputs LOW independently
of clock and data inputs. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
 Input levels:
 For 74HC273: CMOS level
 For 74HCT273: TTL level
 Common clock and master reset
 Eight positive edge-triggered D-type flip-flops
 Complies with JEDEC standard no. 7A
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 Cto+85 C and from 40 Cto+125 C
3.
Ordering information
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 5 — 26 February 2016
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC273D
40 C to +125 C
SO20
plastic small outline package; 20 leads; body width 7.5 mm SOT163-1
74HCT273D
74HC273DB
40 C to +125 C
SSOP20
plastic shrink small outline package; 20 leads; body width
5.3 mm
SOT339-1
74HCT273DB
74HC273PW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads; body
width 4.4 mm
SOT360-1
74HCT273PW
74HC273BQ
40 C to +125 C
DHVQFN20 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT273BQ


Similar Part No. - 74HC273DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273DB PHILIPS-74HC273DB Datasheet
58Kb / 8P
Octal D-type flip-flop with reset; positive-edge trigger
September 1993
74HC273DB NXP-74HC273DB Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
More results

Similar Description - 74HC273DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com