Electronic Components Datasheet Search
  English  ▼

X  

74HC2G08GD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC2G08GD
Description  Dual 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G08GD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC2G08GD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G08
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 8 October 2013
3 of 15
Nexperia
74HC2G08; 74HCT2G08
Dual 2-input AND gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8)
74HC2G08
74HCT2G08
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aak018
1
2
3
4
6
5
8
7
001aak019
74HC2G08
74HCT2G08
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A
1, 5
data input
1B, 2B
2, 6
data input
GND
4
ground (0 V)
1Y, 2Y
7, 3
data output
VCC
8
supply voltage
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LLL
LH
L
HL
L
HHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com