Electronic Components Datasheet Search
  English  ▼

X  

74HC2G08GD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC2G08GD
Description  Dual 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G08GD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC2G08GD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G08GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74HC2G08; 74HCT2G08 is a dual 2-input AND gate. Inputs include clamp diodes.
This enables the use of current limiting resistors to interface inputs to voltages in excess
of VCC.
2.
Features and benefits
 Wide supply voltage range from 2.0 V to 6.0 V
 Input levels:
 For 74HC2G08: CMOS level
 For 74HCT2G08: TTL level
 Symmetrical output impedance
 High noise immunity
 Low power dissipation
 Balanced propagation delays
 Multiple package options
 ESD protection:
 HBM JESD22-A114E exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from
40 C to +85 C and 40 C to +125 C
3.
Ordering information
74HC2G08; 74HCT2G08
Dual 2-input AND gate
Rev. 5 — 8 October 2013
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G08DP
40 C to +125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74HCT2G08DP
74HC2G08DC
40 C to +125 C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74HCT2G08DC
74HC2G08GD
40 C to +125 C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 3
 2  0.5 mm
SOT996-2
74HCT2G08GD


Similar Part No. - 74HC2G08GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G08GD NXP-74HC2G08GD Datasheet
92Kb / 14P
Dual 2-input AND gate
Rev. 04-7 May 2009
logo
Nexperia B.V. All right...
74HC2G08GD NEXPERIA-74HC2G08GD Datasheet
185Kb / 15P
Dual 2-input AND gate
Rev. 5 8 October 2013
More results

Similar Description - 74HC2G08GD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
28-May-1998
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com