Electronic Components Datasheet Search
  English  ▼

X  

74HC573DB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC573DB
Description  Octal D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC573DB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC573DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC573DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 4 March 2016
2 of 20
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC573D
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT573D
74HC573DB
40 C to +125 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74HCT573DB
74HC573PW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT573PW
74HC573BQ
40 C to +125 C
DHVQFN20
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT573BQ
Fig 1.
Functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com