Electronic Components Datasheet Search
  English  ▼

X  

74HC74D Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC74D
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC74D Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC74D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 3 December 2015
9 of 20
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
[1]
All typical values are measured at Tamb =25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTHL and tTLH.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
th
hold time
nD to nCP; see Figure 7
VCC = 4.5 V
3
3-
3
-
ns
fmax
maximum
frequency
nCP; see Figure 7
VCC = 4.5 V
22
54
-
18
-
MHz
VCC =5V; CL =15pF
-
59
-
-
-
MHz
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC - 1.5 V
[4]
-29
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com