Electronic Components Datasheet Search
  English  ▼

X  

74HC74D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC74D
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC74D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC74D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC74D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 3 December 2015
2 of 20
NXP Semiconductors
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
4.
Functional diagram
74HC74PW
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCT74PW
74HC74BQ
40 C to +125 C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74HCT74BQ
Table 1.
Ordering information …continued
Type number
Package
Temperature range
Name
Description
Version
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Functional diagram
Fig 4.
Logic diagram for one flip-flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com