Electronic Components Datasheet Search
  English  ▼

X  

LTM4700EY Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4700EY
Description  LTM4700 Single 100A μModule Regulator with Digital Power System Management
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700EY Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4700EY Datasheet HTML 3Page - Analog Devices LTM4700EY Datasheet HTML 4Page - Analog Devices LTM4700EY Datasheet HTML 5Page - Analog Devices LTM4700EY Datasheet HTML 6Page - Analog Devices LTM4700EY Datasheet HTML 7Page - Analog Devices LTM4700EY Datasheet HTML 8Page - Analog Devices LTM4700EY Datasheet HTML 9Page - Analog Devices LTM4700EY Datasheet HTML 10Page - Analog Devices LTM4700EY Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
DEMO MANUAL DC2702B-B
Rev. 0
LTpowerPlay QUICK START PROCEDURE
The following procedure describes how to use LTpowerPlay
to monitor and change the settings of LTM4700.
1. Download and install the LTpowerPlay GUI.
2. Launch the LTpowerPlay GUI.
a. The GUI should automatically identify the
DC2702B-B. The system tree on the left-hand side
should look like as shown in the following figure:
b. A green message box shows for a few seconds in
thelowerleft-handcorner,confirmingthatLTM4700
is communicating:
c. In the toolbar, click the “R” (RAM to PC) icon to
read the RAM from the LTM4700. This step reads
the configuration from the RAM of LTM4700 and
loads it into the GUI.
d. Ifyouwanttochangetheoutputvoltagetoadifferent
value, 0.8V. In the Config tab, type in 0.8 in the
VOUT_COMMAND box as shown in the following
figure:
e. Then, click the “W” (PC to RAM) icon to write these
register values to the LTM4700. After finishing this
step, the output voltage changes to 0.8V.
f. If the write is successful, the following message
will be seen:
g. Changes can be saved into the NVM. In the toolbar,
click the “RAM to NVM” button:
h. Save the demo board configuration to a (*.proj)
file. Click the Save icon and save the file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com