Electronic Components Datasheet Search
  English  ▼

X  

LTM4700EY Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4700EY
Description  LTM4700 Single 100A μModule Regulator with Digital Power System Management
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700EY Datasheet(HTML) 1 Page - Analog Devices

  LTM4700EY Datasheet HTML 1Page - Analog Devices LTM4700EY Datasheet HTML 2Page - Analog Devices LTM4700EY Datasheet HTML 3Page - Analog Devices LTM4700EY Datasheet HTML 4Page - Analog Devices LTM4700EY Datasheet HTML 5Page - Analog Devices LTM4700EY Datasheet HTML 6Page - Analog Devices LTM4700EY Datasheet HTML 7Page - Analog Devices LTM4700EY Datasheet HTML 8Page - Analog Devices LTM4700EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
DEMO MANUAL DC2702B-B
Rev. 0
DESCRIPTION
LTM4700
Single 100A µModule Regulator with
Digital Power System Management
Demonstration circuit 2702B-B is a single output, dual-
phase, high efficiency, high density, µModule® regulator
with a 4.5V to 16V input range. The output voltage is
adjustable from 0.5V to 1.8V and can supply 100A maxi-
mum load current. The DC2702B-B demo board has a
LTM®4700 µModule regulator, a dual 50A or single 100A
step-down regulator with digital power system man-
agement. Refer to the LTM4700 data sheet for more
detailed information.
DC2702B-B powers up to default settings and produces
power based on configuration resistors without serial bus
communication. This feature allows easy evaluation of
the DC/DC converter. To fully explore the extensive power
system management features of the LTM4700, download
All registered trademarks and trademarks are the property of their respective owners.
the GUI software LTpowerPlay® onto your PC and use
Analog Devices I2C/SMBus/PMBus dongle DC1613A to
connect to the board. LTpowerPlay allows the user to
reconfigure the part on-the-fly, store the configuration in
EEPROM, view telemetry of voltage, current, temperature
and fault status.
Graphic User Interface (GUI) Download
The software can be downloaded from LTpowerPlay.
For more details and instructions on LTpowerPlay, refer to
LTpowerPlay GUI for LTM4700 Quick Start Guide.
Design files for this circuit board are available.
Figure 1. Single Output LTM4700/DC2702B-B Demo Circuit
BOARD PHOTO Part marking is either ink mark or laser mark


Similar Part No. - LTM4700EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4700EY AD-LTM4700EY Datasheet
2Mb / 20P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
Rev. 0
LTM4700EY AD-LTM4700EY Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
Rev. 0 07/24
LTM4700EY AD-LTM4700EY Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 4 × LTM4700, 400A
Rev. 0 07/24
LTM4700EYPBF AD-LTM4700EYPBF Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results

Similar Description - LTM4700EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
25A, Dual PolyPhase Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4683 AD-LTM4683 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com