Electronic Components Datasheet Search
  English  ▼

X  

LT8686S Datasheet(PDF) 2 Page - Analog Devices

Part # LT8686S
Description  LT8686S 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8686S Datasheet(HTML) 2 Page - Analog Devices

  LT8686S Datasheet HTML 1Page - Analog Devices LT8686S Datasheet HTML 2Page - Analog Devices LT8686S Datasheet HTML 3Page - Analog Devices LT8686S Datasheet HTML 4Page - Analog Devices LT8686S Datasheet HTML 5Page - Analog Devices LT8686S Datasheet HTML 6Page - Analog Devices LT8686S Datasheet HTML 7Page - Analog Devices LT8686S Datasheet HTML 8Page - Analog Devices LT8686S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DEMO MANUAL DC3126A
Rev. 0
QUICK START PROCEDURE
Demonstration circuit 3126A is easy to set up to evalu-
ate the performance of the LT8686S. Refer to Figure 1
for proper measurement equipment setup and use the
following the procedure.
1. With power off, place the jumpers in the following
positions:
JP1
JP2
JP3
JP4
JP5
JP6
EN/UVLO
EN2
EN3
EN4
BIAS
SYNC/MODE
ON
ON
ON
ON
VOUT1
BURST
2. With the power off, connect the input power supply
to VEMI+ and VEMI–.
3. With the power off, connect the loads from VOUT1,
VOUT2, VOUT3, and VOUT4 to GND.
4. Voltmeters can be placed across the output terminals
to get accurate output voltage measurements.
5. Turn on the power at the input.
NOTE: Make sure that the input voltage does not
exceed 42V.
6. Check for proper output voltages. The output should
be regulated at 5V (±4%), 3.3V (±4%), 1.8V (±4%),
and 1.2V (±4%).
NOTE: If there is no output, temporarily disconnect
the load to ensure that the load is not set too high.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN_HV
HV Regulators Input Voltage (VIN1/VIN2) Range
6*
12
42
V
VIN_LV
LV Regulators Input Voltage (VIN3/VIN4) Range
3
8**
V
VOUT1
Output1 Voltage
VIN_HV = 12V
4.8
5
5.2
V
VOUT2
Output2 Voltage
VIN_HV = 12V
3.17
3.3
3.43
V
VOUT3
Output3 Voltage
VIN_LV = 5V
1.73
1.8
1.87
V
VOUT4
Output4 Voltage
VIN_LV = 5V
1.15
1.2
1.25
V
IOUT1
Maximum Output1 Current
No Load on Downstream Channel
2
A
IOUT2
Maximum Output2 Current
2
A
IOUT3
Maximum Output3 Current
2
A
IOUT4
Maximum Output4 Current
2
A
fSW
Switching Frequency
1.8
2
2.25
MHz
EFF
Efficiency
VIN_HV = 12V, fSW = 2MHz, VOUT1 = 5V, IOUT1 = 1A
93.3
%
VIN_HV = 12V, fSW = 2MHz, VOUT2 = 3.3V, IOUT2 = 1A
90.8
%
VIN_LV = 5V, fSW = 2MHz, VOUT3 = 1.8V, IOUT3 = 1A
92.1
%
VIN_LV = 5V, fSW = 2MHz, VOUT4 = 1.2V, IOUT4 = 1A
88.6
%
*The operating input voltage range for VIN1 and VIN2 is 3V to 42V. The 6V minimum input voltage spec is limited by the 5V output voltage.
**The operating input voltage range for VIN3 and VIN4 is 3V to 8V. The absolute maximum input voltage for VIN3 and VIN4 is 10V.
PERFORMANCE SUMMARY Specifications are at T
A = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com