Electronic Components Datasheet Search
  English  ▼

X  

LT8686S Datasheet(PDF) 3 Page - Analog Devices

Part # LT8686S
Description  LT8686S 42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8686S Datasheet(HTML) 3 Page - Analog Devices

  LT8686S Datasheet HTML 1Page - Analog Devices LT8686S Datasheet HTML 2Page - Analog Devices LT8686S Datasheet HTML 3Page - Analog Devices LT8686S Datasheet HTML 4Page - Analog Devices LT8686S Datasheet HTML 5Page - Analog Devices LT8686S Datasheet HTML 6Page - Analog Devices LT8686S Datasheet HTML 7Page - Analog Devices LT8686S Datasheet HTML 8Page - Analog Devices LT8686S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
DEMO MANUAL DC3126A
Rev. 0
QUICK START PROCEDURE
7. Once the proper output voltage is established, adjust
the load within the operating ranges and observe the
output voltage regulation, ripple voltage, efficiency,
and other parameters.
NOTE: When measuring the input or output voltage
ripple, take care to avoid a long ground lead on the
oscilloscope probe. Measure the output voltage ripple
by touching the probe tip directly across the output
capacitor. See Figure 2 for the proper scope technique.
8. An external clock can be added to the SYNC terminal
when SYNC function is used (JP6 on the SYNC posi-
tion). Use resistor R25 to set the LT8686S switching
frequency close to the synchronization frequency.
9. (Option) Operation with Different Input Voltages
The low voltage channels, channel 3 and channel
4, can operate with different input voltages instead
of 5V VOUT1. The DC3126A provides and onboard
0Ω jumper (R29) to connect VIN_LV to VOUT1 by
default. The 0Ω jumper can be removed to disconnect
VIN_LVfromVOUT1.Applydifferentinputvoltagesfor
channel 3 and channel 4 between VIN_LV and GND.
NOTE: Make sure that the VIN_LV input voltage does
not exceed 8V.
10. (Option)CombiningChannels(CH1+CH2,CH3+CH4)
Configuration
The DC3126A can combine two regulators to create
channels with higher current ratings using a single
inductor. Channel 1 and channel 2 can be combined to
deliver up to 4A of output current. Similarly, channel
3 and channel 4 can be combined to deliver up to 4A
of output current. Channel 1 and channel 3 are main
channels, channel 2 and channel 4 are subordinates.
The following simple modification is required:
1. Tie the SW1 and SW2 pins together with a low
impedance connection. Tie SW3 and SW4 together
with a low impedance connection. Since SW1 and
SW2, SW3 and SW4 are connected, there is only
one inductor needed for each output rail. Calculate
and insert the inductors needed for L1 and L3, and
remove L2 and L4.
2. Tie the BST1 and BST2 pins together with 0Ω
resistors (R9, R12). Tie the BST3 and BST4 pins
together with 0Ω resistors (R15, R18).
3. Tie the FB2 and FB4 pins to INTVCC with 0Ω
resistors (R31, R32). Keep the resistor divider
networks on the main channels and remove the
resistor divider networks on subordinate channels.
4. Float (do not use) PG2 and PG4. Only PG1 and PG3
are active.
5. Float (do not use) TRK/SS2 and TRK/SS4. Only
TRK/SS1 and TRK/SS3 are active.
6. Tie EN/UVLO and EN2 together with a 0Ω resistor
(R27), EN3 and EN4 together with a 0Ω resistor
(R30).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com