Electronic Components Datasheet Search
  English  ▼

X  

DS3177 Datasheet(PDF) 32 Page - Analog Devices

Part # DS3177
Description  DS3/E3 Single-Chip Transceiver
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS3177 Datasheet(HTML) 32 Page - Analog Devices

Back Button DS3177 Datasheet HTML 28Page - Analog Devices DS3177 Datasheet HTML 29Page - Analog Devices DS3177 Datasheet HTML 30Page - Analog Devices DS3177 Datasheet HTML 31Page - Analog Devices DS3177 Datasheet HTML 32Page - Analog Devices DS3177 Datasheet HTML 33Page - Analog Devices DS3177 Datasheet HTML 34Page - Analog Devices DS3177 Datasheet HTML 35Page - Analog Devices DS3177 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 230 page
background image
DS3177 DS3/E3 Single-Chip Transceiver
32 of 230
PIN NAME
TYPE
PIN DESCRIPTION
TSOFO /
TDEN
O
Framer Start Of Frame / Data Enable
See Table 10-21.
TSOFO: When the port framer is configured for the DS3 or E3 framed modes and the
TSOFO pin function is selected, this signal is used to indicate the start of the DS3/E3
frame on the TSER pin. This signal pulses high three clocks before the first overhead
bit in a DS3 or E3 frame that will be input on TSER. The signal is updated on the
positive clock edge of the referenced clock pin if the clock pin signal is not inverted,
otherwise it is updated on the falling edge of the clock. The signal is typically
referenced to the TCLKI transmit clock input pins, but it can be referenced to the
TLCLK, TCLKO, RCLKO and RLCLK clock pins.
This signal can be inverted.
TDEN: When the port framer is configured for the DS3 or E3 framed modes and the
TDEN pin function is selected, this signal is used to mark the DS3/E3 frame bits on
the TSER pin. The signal goes high three clocks before the start of DS3/E3 payload
bits and goes low three clocks before the end of the DS3/E3 payload bits. The signal
is updated on the positive clock edge of the referenced clock pin if the clock pin signal
is not inverted, otherwise it is updated on the falling edge of the clock. The signal is
typically referenced to the TCLKI transmit clock input pins, but it can be referenced to
the TLCLK, TCLKO, RCLKO and RLCLK clock pins.
This signal can be inverted.
RSER
O
Receive Serial Data
RSER: When the port framer is configured for the DS3 or E3 framed modes, this pin
outputs the receive data signal from the LIU or receive line pins. The signal is updated
on the positive clock edge of the referenced clock pin if the clock pin signal is not
inverted, otherwise it is updated on the falling edge of the clock. The signal is typically
referenced to the RCLKO receive clock output pin, but it can be referenced to the
RGCLK and RLCLK clock pins.
This signal can be inverted
o
DS3: 44.736 Mbps +20ppm
o
E3: 34.368 Mbps +20ppm
RCLKO /
RGCLK
O
Receive Clock Output / Gapped Clock
See Table 10-24.
RCLKO: When the port framer is configured for the DS3 or E3 framed modes and
RCLKO is selected, this clock output signal is active. It is the same as the internal
receive framer clock. This clock is typically used for the reference clock for the RSER,
RSOFO / RDEN signals but can also be used as the reference for the RPOS / RDAT,
RNEG / RLCV, TSOFI, TSER, TSOFO / TDEN, TPOS / TDAT and TNEG signals.
This signal can be inverted.
o
DS3: 44.736 MHz +20 ppm
o
E3: 34.368 MHz +20 ppm
RGCLK: When the port is configured for DS3/E3 framed mode and RGCLK is
selected, this gated clock output signal is active. It is the same as the internal receive
framer clock gated by RDEN. This clock is typically used for the reference clock for
the RSER.
This signal can be inverted
RSOFO /
RDEN
O
Receive Framer Start Of Frame /Data Enable
See Table 10-23.
RSOFO: When the port framer is configured for the DS3 or E3 framed modes and the
RSOFO pin function is enabled, this signal is used to indicate the start of the DS3/E3
frame. This signal indicates the first DS3/E3 overhead bit on the RSER pin when high.
The signal is updated on the positive clock edge of the referenced clock pin if the
clock pin signal is not inverted, otherwise it is updated on the falling edge of the clock.
The signal is typically referenced to the RCLKO receive clock output pin, but it can be
referenced to the RLCLK clock input pin.
This signal can be inverted.
RDEN: When the port framer is configured for the DS3 or E3 framed modes and the
RDEN pin function is enabled, this signal is used to indicate the DS3/E3 payload bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com