Electronic Components Datasheet Search
  English  ▼

X  

DS3177 Datasheet(PDF) 39 Page - Analog Devices

Part # DS3177
Description  DS3/E3 Single-Chip Transceiver
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS3177 Datasheet(HTML) 39 Page - Analog Devices

Back Button DS3177 Datasheet HTML 35Page - Analog Devices DS3177 Datasheet HTML 36Page - Analog Devices DS3177 Datasheet HTML 37Page - Analog Devices DS3177 Datasheet HTML 38Page - Analog Devices DS3177 Datasheet HTML 39Page - Analog Devices DS3177 Datasheet HTML 40Page - Analog Devices DS3177 Datasheet HTML 41Page - Analog Devices DS3177 Datasheet HTML 42Page - Analog Devices DS3177 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 230 page
background image
DS3177 DS3/E3 Single-Chip Transceiver
39 of 230
Figure 8-4. Rx Line IO HDB3 Functional Timing Diagram
RLCLK
RPOS
RNEG
(RX DATA)
HDB3 CODEW ORD
(RX LINE)
+
-
RXP
RXN
V
V
B
B
B
V
B
V
0 V
BIAS V
8.3.1.3 UNI Mode Transmit Pin Functional Timing
The TDAT pin is available when the line interface is in the UNI mode and the transmit line pins are enabled
The TDAT signal changes a small delay after the positive edge of the reference clock signal if the clock pin is not
inverted, other wise they change after the negative edge. The TLCLK clock pin is the clock reference typically
used for the TDAT signal, but the TDAT can be time referenced to the TCLKI, TCLKO, RLCLK or RCLKO clock
pins. The TDAT pin can be inverted. Please refer to Figure 8-5 .
Figure 8-5. Tx Line IO UNI Functional Timing Diagram
8.3.1.4 UNI Mode Receive Pin Functional Timing
The RDAT pin is available when the line interface is in the UNI mode. The RLCV pin is available when the line
interface is in the UNI Mode.
All bits on the RDAT pin, will come out the RSER pin, if the RSER pin is enabled.
The signal on the RLCV pin enables the BPV counter, which is in the line interface, to increment each clock it is
high.
The RDAT and RLCV signals are sampled at the rising edge of the reference clock signal if the clock pin is not
inverted, otherwise they are sampled at the negative edge. The RLCLK clock pin is the clock reference used for the
RDAT and RLCV signals. The RDAT and RLCV pins can be inverted. Please refer to Figure 8-6 .
TLCLK
TDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com