Electronic Components Datasheet Search
  English  ▼

X  

FXR.2525.B Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # FXR.2525.B
Description  NFC Flex Antenna (25*25*0.355mm) with a Reverse Ferrite Layer and adhesive backing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.2525.B Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button FXR.2525.B Datasheet HTML 6Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 7Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 8Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 9Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 10Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 11Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 12Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 13Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 14Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
SPE-24-8-107-A
www.taoglas.com
Changelog for the datasheet
SPE-24-8-107 – FXR.2525.B Series
Revision: A (Original First Release)
Date:
2024-06-17
Notes:
Author:
Cesar Sousa
Previous Revisions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com