Electronic Components Datasheet Search
  English  ▼

X  

FXR.2525.B Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXR.2525.B
Description  NFC Flex Antenna (25*25*0.355mm) with a Reverse Ferrite Layer and adhesive backing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.2525.B Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXR.2525.B Datasheet HTML 1Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 2Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 3Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 4Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 5Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 6Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 7Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 8Page - Taoglas antenna solutions FXR.2525.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SPE-24-8-107-A
www.taoglas.com
Taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to
make changes to specifications and product descriptions at any time without notice. Taoglas reserves all rights to this document and
the information contained herein. Reproduction, use or disclosure to third parties without express permission is strictly prohibited.
1.
Introduction
3
2.
Specifications
4
3.
Antenna Application
5
4.
Mechanical Drawing
10
5.
Packaging
12
Changelog
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com