Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J700 Datasheet(PDF) 8 Page - EPCOS

Part # B25675C4162J700
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J700 Datasheet(HTML) 8 Page - EPCOS

Back Button B25675C4162J700 Datasheet HTML 4Page - EPCOS B25675C4162J700 Datasheet HTML 5Page - EPCOS B25675C4162J700 Datasheet HTML 6Page - EPCOS B25675C4162J700 Datasheet HTML 7Page - EPCOS B25675C4162J700 Datasheet HTML 8Page - EPCOS B25675C4162J700 Datasheet HTML 9Page - EPCOS B25675C4162J700 Datasheet HTML 10Page - EPCOS B25675C4162J700 Datasheet HTML 11Page - EPCOS B25675C4162J700 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 8 of 17
Important notes at the end of this document.
Ordering codes
Ordering code
Series/type
Nominal
capacitance
CN
Nominal
voltage
VN
Output &
Nominal current
at 50 Hz
IN
Output &
Nominal current
at 60 Hz
IN
Dimensions
d × h
Weight
approx.
Terminal
type
PU*
pcs.
µF
V
kvar
A
kvar
A
mm
kg
Rated voltage 230 V AC, delta connection
B25675C2052J030 MKK230-D-5.0-04 3x 100.3
230
5.0
12.6 5 6.0
15.1 2 75 x 218
1.1
A
9
B25675C2072J530 MKK230-D-7.5-04 3x 150.4
230
7.5
18.8 5 9.0
22.6 2 100 x 192
1.8
B
6
B25675C2102J030 MKK230-D-10.0-04 3x 200.5
230
10.0
25.1 4 12.0
30.1 2 100 x 224
2.1
B
4
B25675C2122J530 MKK230-D-12.5-04 3x 250.7
230
12.5
31.4 2 15.0
37.7 1 116 x 207
2.6
B
4
B25675C2152J030 MKK230-D-15.0-04 3x 300.8
230
15.0
37.7 1 -
-
125 x 207
3.0
B
4
Rated voltage 400 V AC, delta connection
B25675C4052J000 MKK400-D-5.0-04 3x 33.2
400
5.0
7.2 5
6.0
8.7 2
75 x 164
0.9
A
6
B25675C4062J300 MKK400-D-6.3-04 3x 41.8
400
6.3
9.1 5
7.6
11.0 2 75 x 164
0.9
A
6
B25675C4072J500 MKK400-D-7.5-04 3x 49.7
400
7.5
10.8 5 9.0
13.0 2 75 x 200
1.1
A
6
B25675C4082J300 MKK400-D-8.3-04 3x 55.0
400
8.3
12.0 5 10.0
14.4 2 75 x 200
1.1
A
6
B25675C4102J400 MKK400-D-10.4-04 3x 69.0
400
10.4
15.0 4 12.5
18.0 1 75 x 218
1.1
A
9
B25675C4122J500 MKK400-D-12.5-04 3x 82.9
400
12.5
18.0 4 15.0
21.7 1 85 x 200
1.3
A
9
B25675C4152J000 MKK400-D-15.0-04 3x 99.5
400
15.0
21.7 3 18.0
26.0 1 85 x 218
1.5
A
4
B25675C4162J700 MKK400-D-16.7-04 3x 110.7
400
16.7
24.1 2 20.0
28.9 1 100 x 207
1.9
B
6
B25675C4202J000 MKK400-D-20.0-04 3x 132.6
400
20.0
28.9 1 24.0
34.6 1 100 x 224
2.1
B
4
B25675C4252J000 MKK400-D-25.0-04 3x 165.8
400
25.0
36.1 1 30.0
43.3 1 116 x 192
2.4
B
4
B25675C4282J100 MKK400-D-28.1-04 3x 186.3
400
28.1
40.6 1 -
-
125 x 192
2.8
B
4
B25675C4302J000 MKK400-D-30.0-04 3x 198.9
400
30.0
43.3 1 -
-
116 x 224
2.8
B
4
B25675C4332J000 MKK400-D-33.0-04 3x 218.8
400
33.0
47.6 1 -
-
125 x 207
3.0
B
4
B25675C4402J000 MKK400-D-40.0-04 3x 265.2
400
40.0
57.7 1 48.0
69.3 1 136 x 233
3.7
F
4
B25675C4502J000 MKK400-D-50.0-04 3x 331.5
400
50.0
72.2 1 60.0
86.6 1 136 x 312
5.0
F
2
Rated voltage 415 V AC, delta connection
B25675C4052J015 MKK415-D-5.0-04 3x 30.8
415
5.0
7.0 5
6.0
8.3 2
75 x 164
0.9
A
6
B25675C4062J315 MKK415-D-6.3-04 3x 38.8
415
6.3
8.8 5
7.6
10.6 2 75 x 164
0.9
A
6
B25675C4072J515 MKK415-D-7.5-04 3x 46.2
415
7.5
10.4 5 9.0
12.5 2 75 x 200
1.1
A
6
B25675C4082J315 MKK415-D-8.3-04 3x 51.1
415
8.3
11.5 5 10.0
13.9 2 75 x 200
1.1
A
6
B25675C4102J415 MKK415-D-10.4-04 3x 64.1
415
10.4
14.5 5 12.5
17.4 2 75 x 200
1.1
A
6
B25675C4122J515 MKK415-D-12.5-04 3x 77.0
415
12.5
17.4 4 15.0
20.9 1 85 x 200
1.3
A
9
B25675C4152J015 MKK415-D-15.0-04 3x 92.4
415
15.0
20.9 3 18.0
25.0 1 85 x 200
1.3
A
9
B25675C4162J715 MKK415-D-16.7-04 3x 102.9
415
16.7
23.2 2 20.0
27.8 1 100 x 207
1.9
B
6
B25675C4202J015 MKK415-D-20.0-04 3x 123.2
415
20.0
27.8 1 24.0
33.4 1 100 x 207
1.9
B
6
B25675C4252J015 MKK415-D-25.0-04 3x 154.0
415
25.0
34.8 1 30.0
41.7 1 116 x 192
2.4
B
4
B25675C4282J115 MKK415-D-28.1-04 3x 173.1
415
28.1
39.1 1 -
-
116 x 207
2.6
B
4
B25675C4302J015 MKK415-D-30.0-04 3x 184.8
415
30.0
41.7 1 -
-
116 x 207
2.6
B
4
B25675C4332J015 MKK415-D-33.0-04 3x 203.3
415
33.0
45.9 1 -
-
116 x 224
2.8
B
4
B25675C4402J015 MKK415-D-40.0-04 3x 246.4
415
40.0
55.6 1 48.0
66.8 1 136 x 217
3.7
F
4
B25675C4502J015 MKK415-D-50.0-04 3x 308.0
415
50.0
69.6 1 60.0
83.5 1 136 x 279
4.5
F
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com