Electronic Components Datasheet Search
  English  ▼

X  

B25675C4162J700 Datasheet(PDF) 12 Page - EPCOS

Part # B25675C4162J700
Description  Film Capacitors – Power Factor Correction
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25675C4162J700 Datasheet(HTML) 12 Page - EPCOS

Back Button B25675C4162J700 Datasheet HTML 8Page - EPCOS B25675C4162J700 Datasheet HTML 9Page - EPCOS B25675C4162J700 Datasheet HTML 10Page - EPCOS B25675C4162J700 Datasheet HTML 11Page - EPCOS B25675C4162J700 Datasheet HTML 12Page - EPCOS B25675C4162J700 Datasheet HTML 13Page - EPCOS B25675C4162J700 Datasheet HTML 14Page - EPCOS B25675C4162J700 Datasheet HTML 15Page - EPCOS B25675C4162J700 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Film Capacitors – Power Factor Correction
B25675C*
PhaseCap Energy Plus
MKK
Preliminary data
CAP FILM ES PFC PM
2021-06-24
Please read Cautions and warnings and
Page 12 of 17
Important notes at the end of this document.
Ordering code
Series/type
Nominal
capacitance
CN
Nominal
voltage
VN
Output &
Nominal current
at 50 Hz
IN
Output &
Nominal current
at 60 Hz
IN
Dimensions
d × h
Weight
approx.
Terminal
type
PU*
pcs.
µF
V
kvar
A
kvar
A
mm
kg
Rated voltage 1000 V AC, delta connection
B25675C0152J000 MKK1000-D-15.0-04 3 x 15.9
1000
15.0
8.7 4
18.0
10.4 1 100x224
2.1
E
6
B25675C0202J000 MKK1000-D-20.0-04 3 x 21.2
1000
20.0
11.5 2 24.0
13.9 1 116x224
2.8
E
4
B25675C0252J000 MKK1000-D-25.0-04 3 x 26.5
1000
25.0
14.4 1 30.0
17.3 1 116x248
3.1
E
4
B25675C0302J000 MKK1000-D-30.0-04 3 x 31.8
1000
30.0
17.3 1 -
-
116x282
3.5
E
2
1…..max. current 1.6 times IN
2…..max. current 1.7 times IN
3…..max. current 1.8 times IN
4…..max. current 1.9 times IN
5…..max. current 2.0 times IN
Display of ordering codes for TDK Electronics products
The ordering code for one and the same product can be represented differently in data sheets, data books,
other publications, on the company website, or in order-related documents such as shipping notes, order
confirmations and product labels. The varying representations of the ordering codes are due to
different processes employed and do not affect the specifications of the respective products.
Detailed information can be found on the Internet under www.tdk-electronics.tdk.com/orderingcodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com