Electronic Components Datasheet Search
  English  ▼

X  

B41252 Datasheet(PDF) 11 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 11 Page - EPCOS

Back Button B41252 Datasheet HTML 7Page - EPCOS B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
μF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.0 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =35VDC
3300
22
× 25
0.20
2.90
2.21
1.26
B41252A7338M06#
3900
22
× 30
0.20
4.32
3.29
1.88
B41252B7398M06#
4700
22
× 35
0.20
4.92
3.75
2.14
B41252A7478M06#
4700
25.4
× 25
0.20
4.81
3.66
2.09
B41252B7478M06#
5600
22
× 35
0.20
5.27
4.01
2.29
B41252A7568M06#
5600
25.4
× 30
0.20
5.45
4.15
2.37
B41252B7568M06#
5600
30
× 25
0.20
5.59
4.25
2.43
B41252C7568M06#
6800
22
× 40
0.20
6.00
4.57
2.61
B41252A7688M06#
6800
25.4
× 35
0.20
6.23
4.74
2.71
B41252B7688M06#
6800
30
× 30
0.20
6.42
4.88
2.79
B41252C7688M06#
8200
22
× 50
0.20
6.95
5.29
3.02
B41252A7828M06#
8200
25.4
× 40
0.20
6.95
5.29
3.02
B41252B7828M06#
8200
30
× 30
0.20
6.79
5.16
2.95
B41252C7828M06#
10000
25.4
× 45
0.20
7.89
6.00
3.43
B41252A7109M06#
10000
30
× 35
0.20
7.77
5.92
3.38
B41252B7109M06#
12000
25.4
× 50
0.20
8.69
6.62
3.78
B41252A7129M06#
12000
30
× 40
0.20
8.63
6.56
3.75
B41252B7129M06#
12000
35
× 30
0.20
8.44
6.42
3.67
B41252C7129M06#
15000
30
× 45
0.20
9.64
7.33
4.19
B41252A7159M06#
15000
35
× 35
0.20
9.48
7.21
4.12
B41252B7159M06#
18000
35
× 40
0.20
10.4
7.91
4.52
B41252A7189M06#
22000
35
× 45
0.20
11.4
8.66
4.95
B41252A7229M06#
B41252
105
°C
Page 11 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com