Electronic Components Datasheet Search
  English  ▼

X  

B41252 Datasheet(PDF) 12 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 12 Page - EPCOS

Back Button B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS B41252 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
μF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.0 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =50VDC
2700
22
× 30
0.20
4.46
3.40
1.94
B41252A6278M06#
3300
22
× 35
0.20
5.06
3.85
2.20
B41252A6338M06#
3900
22
× 40
0.20
5.80
4.41
2.52
B41252A6398M06#
3900
25.4
× 35
0.20
6.03
4.59
2.62
B41252B6398M06#
3900
30
× 25
0.20
5.84
4.45
2.54
B41252C6398M06#
4700
22
× 45
0.20
6.46
4.92
2.81
B41252A6478M06#
4700
25.4
× 40
0.20
6.74
5.13
2.93
B41252B6478M06#
4700
30
× 30
0.20
6.60
5.02
2.87
B41252C6478M06#
5600
22
× 50
0.20
7.15
5.44
3.11
B41252A6568M06#
5600
25.4
× 40
0.20
7.15
5.44
3.11
B41252B6568M06#
5600
30
× 35
0.20
7.38
5.62
3.21
B41252C6568M06#
6800
25.4
× 50
0.20
8.37
6.37
3.64
B41252A6688M06#
6800
30
× 40
0.20
8.30
6.32
3.61
B41252B6688M06#
6800
35
× 30
0.20
8.12
6.18
3.53
B41252C6688M06#
8200
30
× 45
0.20
9.06
6.90
3.94
B41252A6828M06#
8200
35
× 35
0.20
8.90
6.77
3.87
B41252B6828M06#
10000
30
× 50
0.20
10.1
7.74
4.42
B41252A6109M06#
10000
35
× 40
0.20
10.0
7.65
4.37
B41252B6109M06#
12000
35
× 45
0.20
11.0
8.37
4.78
B41252A6129M06#
15000
35
× 50
0.20
12.0
9.17
5.24
B41252A6159M06#
B41252
105
°C
Page 12 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com