Electronic Components Datasheet Search
  English  ▼

X  

C0G Datasheet(PDF) 13 Page - EPCOS

Part # C0G
Description  Multilayer ceramic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Datasheet(HTML) 13 Page - EPCOS

Back Button C0G_V01 Datasheet HTML 9Page - EPCOS C0G_V01 Datasheet HTML 10Page - EPCOS C0G_V01 Datasheet HTML 11Page - EPCOS C0G_V01 Datasheet HTML 12Page - EPCOS C0G_V01 Datasheet HTML 13Page - EPCOS C0G_V01 Datasheet HTML 14Page - EPCOS C0G_V01 Datasheet HTML 15Page - EPCOS C0G_V01 Datasheet HTML 16Page - EPCOS C0G_V01 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Multilayer ceramic capacitors
13
10/06
C0G
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering codes and packing for C0G, 100 VDC, nickel barrier terminations
Case size 0805, 100 VDC
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR
Ordering code1)
mm
pcs/reel
pcs/reel
1.0 pF
B37940K1010C0**
0.6
±0.1
5000
20000
1.2 pF
B37940K1010C2**
0.6
±0.1
5000
20000
1.5 pF
B37940K1010C5**
0.6
±0.1
5000
20000
1.8 pF
B37940K1010C8**
0.6
±0.1
5000
20000
2.2 pF
B37940K1020C2**
0.6
±0.1
5000
20000
2.7 pF
B37940K1020C7**
0.6
±0.1
5000
20000
3.3 pF
B37940K1030C3**
0.6
±0.1
5000
20000
3.9 pF
B37940K1030C9**
0.6
±0.1
5000
20000
4.7 pF
B37940K1040C7**
0.6
±0.1
5000
20000
5.6 pF
B37940K1050D6**
0.6
±0.1
5000
20000
6.8 pF
B37940K1060D8**
0.6
±0.1
5000
20000
8.2 pF
B37940K1080D2**
0.6
±0.1
5000
20000
10. pF
B37940K1100J0**
0.6
±0.1
5000
20000
12. pF
B37940K1120J0**
0.6
±0.1
5000
20000
15. pF
B37940K1150J0**
0.6
±0.1
5000
20000
18. pF
B37940K1180J0**
0.6
±0.1
5000
20000
22. pF
B37940K1220J0**
0.6
±0.1
5000
20000
27. pF
B37940K1270J0**
0.6
±0.1
5000
20000
33. pF
B37940K1330J0**
0.6
±0.1
5000
20000
39. pF
B37940K1390J0**
0.6
±0.1
5000
20000
47. pF
B37940K1470J0**
0.6
±0.1
5000
20000
56. pF
B37940K1560J0**
0.6
±0.1
5000
20000
68. pF
B37940K1680J0**
0.6
±0.1
5000
20000
82. pF
B37940K1820J0**
0.6
±0.1
5000
20000
100. pF
B37940K1101J0**
0.6
±0.1
5000
20000
120. pF
B37940K1121J0**
0.6
±0.1
5000
20000
150. pF
B37940K1151J0**
0.6
±0.1
5000
20000
180. pF
B37940K1181J0**
0.6
±0.1
5000
20000
220. pF
B37940K1221J0**
0.6
±0.1
5000
20000
270. pF
B37940K1271J0**
0.6
±0.1
5000
20000
330. pF
B37940K1331J0**
0.6
±0.1
5000
20000
390. pF
B37940K1391J0**
0.6
±0.1
5000
20000
470. pF
B37940K1471J0**
0.6
±0.1
5000
20000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
^
^
C0G; 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com