Electronic Components Datasheet Search
  English  ▼

X  

C0G Datasheet(PDF) 2 Page - EPCOS

Part # C0G
Description  Multilayer ceramic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

C0G Datasheet(HTML) 2 Page - EPCOS

  C0G_V01 Datasheet HTML 1Page - EPCOS C0G_V01 Datasheet HTML 2Page - EPCOS C0G_V01 Datasheet HTML 3Page - EPCOS C0G_V01 Datasheet HTML 4Page - EPCOS C0G_V01 Datasheet HTML 5Page - EPCOS C0G_V01 Datasheet HTML 6Page - EPCOS C0G_V01 Datasheet HTML 7Page - EPCOS C0G_V01 Datasheet HTML 8Page - EPCOS C0G_V01 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering code system
B37940
K
5
010
C
5
60
Packaging
60
cardboard tape, 180-mm reel
62
blister tape, 180-mm reel
70
cardboard tape, 330-mm reel
72
blister tape, 330-mm reel
01
bulk case
^
^
^
^
^
Decimal place for cap. values <10 pF, otherwise 0
Capacitance tolerance
B
±0.1 pF
C
±0.25 pF (standard for capacitance values ≤4.7 pF)
D
±0.5 pF (standard for capacitance values ≤8.2 pF)
^
^
^
F
± 1%
G
± 2%
J
± 5% (standard)
K
±10%
^
^
^
^
CR <10 pF:
CR ³10 pF:
Capacitance, coded
(example)
010
1 · 100 pF =
1 pF
100
10 · 100 pF = 10 pF
221
22 · 101 pF = 220 pF
^
^
^
Rated voltage
Rated voltage [VDC]
Code
50
100
200
51
2
Termination
Type and size
Chip size
(inch / mm)
0402 / 1005
0603 / 1608
0805 / 2012
1206 / 3216
1210 / 3225
Temperature characteristic
C0G
B37920
B37930
B37940
B37871
B37949
Standard:
On request:
K
nickel barrier for all case sizes
J
silver-palladium for conductive adhesion: all case sizes
^
^
Chip
C0G
Multilayer ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com