| Electronic Components Datasheet Search |
|
KRM 02 Datasheet(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
KRM 02 Datasheet(HTML) 1 Page - Analog Devices |
|
1 / 7 page ![]() EVAL-14TSSOPEBZ User Guide UG-1208 One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com Evaluation Board for 14-Lead TSSOP Devices in the Switches and Multiplexers Portfolio PLEASE SEE THE LAST PAGE FOR AN IMPORTANT WARNING AND LEGAL TERMS AND CONDITIONS. Rev. 0 | Page 1 of 7 FEATURES 14-lead TSSOP evaluation board Clamp allows main device to be easily changed Gold pin connectors allow addition of passive components SMB connectors for the input/output of signals Additional space on-board allows prototyping EVALUATION KIT CONTENTS EVAL-14TSSOPEBZ evaluation board DOCUMENTS REQUIRED Data sheet of the device being evaluated EVAL-14TSSOPEBZ user guide HARDWARE REQUIRED Device being evaluated DC voltage source Analog signal source Method to measure voltage, such as a digital multimeter (DMM) GENERAL DESCRIPTION The EVAL-14TSSOPEBZ evaluates 14-lead TSSOP devices in the Switches and Multiplexers Portfolio that must be purchased separately from the evaluation board. A clamp is supplied with the EVAL-14TSSOPEBZ to secure a 14-lead TSSOP device to the evaluation board without the need for soldering, making the board reusable for multiple devices. Figure 1 shows the EVAL-14TSSOPEBZ evaluation board. A 14-lead TSSOP device can be clamped or soldered to the center of the evaluation board. Each pin of the device being evaluated has a corresponding link from K1 to K14 that can be set to either VDD or GND. A wire screw terminal supplies VDD and GND. SMB connectors on the board allow additional external signals to be supplied to the device. In addition, there is space available at the top of the board for prototyping. For full details, see the corresponding product data sheet, which must be used in conjunction with this user guide when using the evaluation board. EVAL-14TSSOPEBZ EVALUATION BOARD PHOTOGRAPH Figure 1. |
Similar Part No. - KRM 02 |
|
Similar Description - KRM 02 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |