Electronic Components Datasheet Search
  English  ▼

X  

KRM 02 Datasheet(PDF) 3 Page - Analog Devices

Part # KRM 02
Description  Evaluation Board for 14-Lead TSSOP Devices in the Switches and Multiplexers Portfolio
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

KRM 02 Datasheet(HTML) 3 Page - Analog Devices

  KRM 02 Datasheet HTML 1Page - Analog Devices KRM 02 Datasheet HTML 2Page - Analog Devices KRM 02 Datasheet HTML 3Page - Analog Devices KRM 02 Datasheet HTML 4Page - Analog Devices KRM 02 Datasheet HTML 5Page - Analog Devices KRM 02 Datasheet HTML 6Page - Analog Devices KRM 02 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVAL-14TSSOPEBZ User Guide
UG-1208
Rev. 0 | Page 3 of 7
EVALUATION BOARD HARDWARE
POWER SUPPLY
Connector J5 supplies the VDD and GND supplies to the board.
These supplies can be selected for each pin of the device by setting
the link headers to either VDD or GND. When a VSS supply is
needed, apply the voltage directly to the VSS or GND pin of the
device by removing the corresponding link.
LINK HEADERS
The link headers supply the device under test (DUT) with either
VDD or GND. The headers are designated K1 to K14 with the
number of the header corresponding to the pin number of the
device. Table 1 summarizes the link headers and their functions
on the EVAL-14TSSOPEBZ evaluation board.
Table 1. Link Header Descriptions
Label
Position
Description
K1 to K14
H1
VDD
L2
GND
1
H stands for high.
2
L stands for low.
SMB CONNECTORS
There are four SMB connectors on the evaluation board: J1 to J4.
When an SMB cable is connected to one of these connectors, the
input signal becomes available on the corresponding P1 to P4
ports. Apply this signal to the relevant pin of the device by forming
a connection from the P1 to P4 ports to a gold pin connector
found on the relevant trace.
INPUT SIGNAL TRACES
Each trace includes three sets of gold pin connectors: two sets
that can place a load on the signal path to ground and one set
that is in series with the signal path. The three sets of gold pin
connectors can create a simple resistor capacitor (RC) filter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com