Electronic Components Datasheet Search
  English  ▼

X  

B65542 Datasheet(PDF) 3 Page - EPCOS

Part # B65542
Description  Ferrites and accessories
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65542 Datasheet(HTML) 3 Page - EPCOS

  B65542 Datasheet HTML 1Page - EPCOS B65542 Datasheet HTML 2Page - EPCOS B65542 Datasheet HTML 3Page - EPCOS B65542 Datasheet HTML 4Page - EPCOS B65542 Datasheet HTML 5Page - EPCOS B65542 Datasheet HTML 6Page - EPCOS B65542 Datasheet HTML 7Page - EPCOS B65542 Datasheet HTML 8Page - EPCOS B65542 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 63093-2
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped (AL values/air gaps examples)
Ungapped
Other AL values/air gaps and materials available on request – see Processing remarks on page 7.
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.8
20
25
20
500
0.73
21
28.7
23.6
603
mm–1
mm
mm2
mm2
mm3
m3.2
3.5
g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
M33
100
3%
0.30
64
B65541+0100A033
N48
160
3%
0.16
102
B65541+0160A048
250
3%
0.10
159
B65541+0250A048
315
3%
0.08
201
B65541+0315A048
400
3%
0.05
255
B65541+0400A048
Material
AL value
nH
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
K1
140 +30/–20%
89
B65541D0000R001
M33
970 +30/–20%
618
B65541D0000R033
N48
2100 +30/–20%
1340
B65541D0000R048
N30
4600 +30/–20%
2680
B65541W0000R030
T38
9800 +40/–30%
5710
B65541W0000Y038
N87
2800 +30/–20%
1630
< 0.26 (200 mT, 100 kHz, 100 °C) B65541W0000R087
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65541
Core
P 14
 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com