Electronic Components Datasheet Search
  English  ▼

X  

B65542 Datasheet(PDF) 5 Page - EPCOS

Part # B65542
Description  Ferrites and accessories
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65542 Datasheet(HTML) 5 Page - EPCOS

  B65542 Datasheet HTML 1Page - EPCOS B65542 Datasheet HTML 2Page - EPCOS B65542 Datasheet HTML 3Page - EPCOS B65542 Datasheet HTML 4Page - EPCOS B65542 Datasheet HTML 5Page - EPCOS B65542 Datasheet HTML 6Page - EPCOS B65542 Datasheet HTML 7Page - EPCOS B65542 Datasheet HTML 8Page - EPCOS B65542 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly for printed circuit boards
The set comprises a terminal carrier and a yoke
For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code gray
Pocan B4235® E245249 (M), LANXESS AG
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3.5 s
Yoke
Spring yoke, made of tinned bronze (0.3 mm), with ground terminal
Packing mode: stick in EPS / PE foam board (Terminal carrier) / bulk package (Yoke)
4 solder terminals
6 solder terminals
Complete mounting assembly
(4 solder terminals)
Ordering code: B65545B0009X000
Complete mounting assembly
(6 solder terminals)
Ordering code: B65545B0010X000
*) This recess must be on the side of the grounding pin to ensure that the yoke locks in position.
a) Yoke
b) Terminal carrier with 4 solder terminals
c) Terminal carrier with 6 solder terminals
B65545
Accessories
P 14
 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com