Electronic Components Datasheet Search
  English  ▼

X  

C075X025YLC Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # C075X025YLC
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C075X025YLC Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button C075X025YLC Datasheet HTML 4Page - PANDUIT CORP. C075X025YLC Datasheet HTML 5Page - PANDUIT CORP. C075X025YLC Datasheet HTML 6Page - PANDUIT CORP. C075X025YLC Datasheet HTML 7Page - PANDUIT CORP. C075X025YLC Datasheet HTML 8Page - PANDUIT CORP. C075X025YLC Datasheet HTML 9Page - PANDUIT CORP. C075X025YLC Datasheet HTML 10Page - PANDUIT CORP. C075X025YLC Datasheet HTML 11Page - PANDUIT CORP. C075X025YLC Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Order number of labels required in multiples of Std. Pkg. Qty.
10
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Print custom pipe markers, voltage markers, signs, bin markers, and network identification labels on demand
• For flat label applications only
VPC (White Vinyl only)
Polyester (YK)
-58°F to 176°F (-50°C to 80°C)
-40°F to 302°F (-40°C to 150°C)
Vinyl (V, Colored Vinyl; non-White)
-50°F to 225°F (-46°C to 107°C)
White on Clear
Part Number
Ribbon and
Material Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
T024X000VPC-BK
Black on White
0.24
6.1
25.0
7.6
1
10
T024X000VYC-WH
White on Black
0.24
6.1
25.0
7.6
1
10
T024X000YKC-BK
Black on Clear
0.24
6.1
25.0
7.6
1
10
T038X000VPC-BK
Black on White
0.38
9.7
25.0
7.6
1
10
T038X000VQC-BK
Black on Blue
0.38
9.7
25.0
7.6
1
10
T038X000VQC-WH
White on Blue
0.38
9.7
25.0
7.6
1
10
T038X000VSC-BK
Black on Green
0.38
9.7
25.0
7.6
1
10
T038X000VSC-WH
White on Green
0.38
9.7
25.0
7.6
1
10
T038X000VUC-BK
Black on Orange
0.38
9.7
25.0
7.6
1
10
T038X000VWC-BK
Black on Red
0.38
9.7
25.0
7.6
1
10
T038X000VWC-WH
White on Red
0.38
9.7
25.0
7.6
1
10
T038X000VXC-BK
Black on Yellow
0.38
9.7
25.0
7.6
1
10
T038X000VYC-WH
White on Black
0.38
9.7
25.0
7.6
1
10
T038X000YKC-BK
Black on Clear
0.38
9.7
25.0
7.6
1
10
T050X000VPC-BK
Black on White
0.50
12.7
25.0
7.6
1
10
T050X000VPC-RD
Red on White
0.50
12.7
25.0
7.6
1
10
T050X000VQC-BK
Black on Blue
0.50
12.7
25.0
7.6
1
10
T050X000VQC-WH
White on Blue
0.50
12.7
25.0
7.6
1
10
T050X000VSC-BK
Black on Green
0.50
12.7
25.0
7.6
1
10
T050X000VSC-WH
White on Green
0.50
12.7
25.0
7.6
1
10
T050X000VUC-BK
Black on Orange
0.50
12.7
25.0
7.6
1
10
T050X000VWC-BK
Black on Red
0.50
12.7
25.0
7.6
1
10
T050X000VWC-WH
White on Red
0.50
12.7
25.0
7.6
1
10
T050X000VXC-BK
Black on Yellow
0.50
12.7
25.0
7.6
1
10
T050X000VYC-WH
White on Black
0.50
12.7
25.0
7.6
1
10
T050X000YKC-BK
Black on Clear
0.50
12.7
25.0
7.6
1
10
T050X000YKC-WH
0.50
12.7
25.0
7.6
1
10
T075X000VPC-BK
Black on White
0.75
19.1
25.0
7.6
1
10
T075X000VQC-BK
Black on Blue
0.75
19.1
25.0
7.6
1
10
T075X000VQC-WH
White on Blue
0.75
19.1
25.0
7.6
1
10
T075X000VSC-BK
Black on Green
0.75
19.1
25.0
7.6
1
10
T075X000VSC-WH
White on Green
0.75
19.1
25.0
7.6
1
10
T075X000VUC-BK
Black on Orange
0.75
19.1
25.0
7.6
1
10
T075X000VWC-BK
Black on Red
0.75
19.1
25.0
7.6
1
10
T075X000VWC-WH
White on Red
0.75
19.1
25.0
7.6
1
10
T075X000VXC-BK
Black on Yellow
0.75
19.1
25.0
7.6
1
10
T075X000VYC-WH
White on Black
0.75
19.1
25.0
7.6
1
10
T075X000YKC-BK
Black on Clear
0.75
19.1
25.0
7.6
1
10
T100X000VPC-BK
Black on White
1.00
25.4
25.0
7.6
1
10
T100X000VPC-RD
Red on White
1.00
25.4
25.0
7.6
1
10
T100X000VQC-BK
Black on Blue
1.00
25.4
25.0
7.6
1
10
T100X000VQC-WH
White on Blue
1.00
25.4
25.0
7.6
1
10
T100X000VSC-BK
Black on Green
1.00
25.4
25.0
7.6
1
10
T100X000VSC-WH
White on Green
1.00
25.4
25.0
7.6
1
10
T100X000VUC-BK
Black on Orange
1.00
25.4
25.0
7.6
1
10
T100X000VWC-BK
Black on Red
1.00
25.4
25.0
7.6
1
10
T100X000VWC-WH
White on Red
1.00
25.4
25.0
7.6
1
10
T100X000VXC-BK
Black on Yellow
1.00
25.4
25.0
7.6
1
10
T100X000VYC-WH
White on Black
1.00
25.4
25.0
7.6
1
10
T100X000YKC-BK
Black on Clear
1.00
25.4
25.0
7.6
1
10
T100X000YKC-WH
1.00
25.4
25.0
7.6
1
10
White on Clear
Continuous Tape Cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com