Electronic Components Datasheet Search
  English  ▼

X  

C075X025YLC Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # C075X025YLC
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C075X025YLC Datasheet(HTML) 2 Page - PANDUIT CORP.

  C075X025YLC Datasheet HTML 1Page - PANDUIT CORP. C075X025YLC Datasheet HTML 2Page - PANDUIT CORP. C075X025YLC Datasheet HTML 3Page - PANDUIT CORP. C075X025YLC Datasheet HTML 4Page - PANDUIT CORP. C075X025YLC Datasheet HTML 5Page - PANDUIT CORP. C075X025YLC Datasheet HTML 6Page - PANDUIT CORP. C075X025YLC Datasheet HTML 7Page - PANDUIT CORP. C075X025YLC Datasheet HTML 8Page - PANDUIT CORP. C075X025YLC Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Part Number
Part Description
Std.
Pkg.
Qty.
LS8EQ-KIT-ACS
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC
self-laminating labels, six AA alkaline batteries, LS8E-ACS, LS8-CASE, LS8-PCKIT,
LS8-IB, LS8-WS, quick reference card, and operator’s manual.
1
LS8EQ-KIT
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC
self-laminating labels, six AA alkaline batteries, LS8-CASE, LS8-PCKIT, LS8-IB,
LS8-WS, quick reference card, and operator’s manual.
1
LS8EQ
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC
self-laminating labels, six AA alkaline batteries, and quick reference card.
1
LS8E-KIT-ACS
Includes LS8E printer, one cassette of S100X150VAC self-laminating labels, six
AA alkaline batteries, LS8E-ACS, LS8-CASE, LS8-PCKIT, LS8-IB, LS8-WS, quick
reference card, and operator’s manual.
1
LS8E-KIT
Includes LS8E printer, one cassette of S100X150VAC self-laminating labels, six AA
alkaline batteries, LS8-CASE, LS8-PCKIT, LS8-IB, LS8-WS, quick reference card,
and operator’s manual.
1
LS8E
Includes LS8E printer, one cassette of S100X150VAC self-laminating labels, six AA
alkaline batteries, and quick reference card.
1
Accessories for LS8E and LS8EQ printers
LS8E-ACS*
120 VAC power adapter for North America.
1
LS8-CASE
Rigid carrying case.
1
LS8-PCKIT
Includes USB cable and PC interface software for importing data, system upgrades,
or printing from a wireless laptop or desktop computer.
1
LS8-IB
Protective impact bumper.
1
LS8-WS
Wrist strap.
1
LS8-CLN
Cleaning kit.
1
2
LS8EQ
LS8E
*Cannot be used to charge batteries. Other adapters available, replace S with A (Australia), C (China), E (Europe), and U (UK).
PanTher™ LS8E and LS8EQ Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com