Electronic Components Datasheet Search
  English  ▼

X  

AD8422ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8422ARZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8422ARZ Datasheet HTML 4Page - Analog Devices AD8422ARZ Datasheet HTML 5Page - Analog Devices AD8422ARZ Datasheet HTML 6Page - Analog Devices AD8422ARZ Datasheet HTML 7Page - Analog Devices AD8422ARZ Datasheet HTML 8Page - Analog Devices AD8422ARZ Datasheet HTML 9Page - Analog Devices AD8422ARZ Datasheet HTML 10Page - Analog Devices AD8422ARZ Datasheet HTML 11Page - Analog Devices AD8422ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet
AD8422
SPECIFICATIONS
analog.com
Rev. C | 8 of 28
LFCSP
VS = ±15 V, VREF = 0 V, V+IN = 0 V, V−IN = 0 V, TA = 25°C, G = 1, and RL = 2 kΩ, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
CMRR DC to 60 Hz with 1 kΩ Source Imbalance
VCM = −10 V to +10 V
G = 1
86
dB
G = 10
106
dB
G = 100
126
dB
G = 1000
146
dB
Over Temperature, G = 1
T = −40°C to +125°C
83
CMRR at 10 kHz
VCM = −10 V to +10 V
G = 1
80
dB
G = 10
90
dB
G = 100
100
dB
G = 1000
100
dB
NOISE1
Voltage Noise, 1 kHz
Input Voltage Noise, eNI
VIN+, VIN−, VREF = 0 V
8
nV/√Hz
Output Voltage Noise, eNO
80
nV/√Hz
Peak to Peak, RTI
f = 0.1 Hz to 10 Hz
G = 1
2
µV p-p
G = 10
0.5
µV p-p
G = 100 to 1000
0.15
µV p-p
Current Noise
f = 1 kHz
90
fA/√Hz
f = 0.1 Hz to 10 Hz
8
pA p-p
VOLTAGE OFFSET2
Input Offset, VOSI
VS = ±2.3 V to ±15 V
70
µV
Over Temperature
T = −40°C to +125°C
110
µV
Average Temperature Coefficient
0.9
µV/°C
Output Offset, VOSO
VS = ±2.3 V to ±15 V
300
µV
Over Temperature
T = −40°C to +125°C
500
µV
Average Temperature Coefficient
5
µV/°C
Offset RTI vs. Supply (PSR)
VS = ±2.3 V to ±18 V
G = 1
90
110
dB
G = 10
110
130
dB
G = 100
124
150
dB
G = 1000
130
150
dB
INPUT CURRENT
Input Bias Current
VS = ±2.3 V to ±15 V
0.5
1
nA
Over Temperature
T = −40°C to +125°C
2
nA
Average Temperature Coefficient
4
pA/°C
Input Offset Current
VS = ±2.3 V to ±15 V
0.2
0.3
nA
Over Temperature
T = −40°C to +125°C
0.8
nA
Average Temperature Coefficient
1
pA/°C
REFERENCE INPUT
RIN
20
kΩ
IIN
VIN+, VIN−, VREF = 0 V
35
50
µA
Voltage Range
−VS
+VS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com