Electronic Components Datasheet Search
  English  ▼

X  

AD8422ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8422ARZ
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8422ARZ Datasheet HTML 5Page - Analog Devices AD8422ARZ Datasheet HTML 6Page - Analog Devices AD8422ARZ Datasheet HTML 7Page - Analog Devices AD8422ARZ Datasheet HTML 8Page - Analog Devices AD8422ARZ Datasheet HTML 9Page - Analog Devices AD8422ARZ Datasheet HTML 10Page - Analog Devices AD8422ARZ Datasheet HTML 11Page - Analog Devices AD8422ARZ Datasheet HTML 12Page - Analog Devices AD8422ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD8422
SPECIFICATIONS
analog.com
Rev. C | 9 of 28
Table 3. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Gain to Output
1
V/V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
2200
kHz
G = 10
850
kHz
G = 100
120
kHz
G = 1000
12
kHz
Settling Time 0.01%
10 V step
G = 1
13
µs
G = 10
13
µs
G = 100
12
µs
G = 1000
80
µs
Settling Time 0.001%
10 V step
G = 1
15
µs
G = 10
15
µs
G = 100
15
µs
G = 1000
160
µs
Slew Rate
G = 1 to 100
0.8
V/µs
GAIN3
G = 1 + (19.8 kΩ/RG)
Gain Range
1
1000
V/V
Gain Error
VOUT ± 10 V
G = 1
0.03
%
G = 10
0.2
%
G = 100
0.2
%
G = 1000
0.2
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL = 2 kΩ
0.5
5
ppm
G = 10
2
5
ppm
G = 100
4
10
ppm
G = 1000
10
20
ppm
Gain vs. Temperature
T = −40°C to +125°C
G = 1
1
ppm/°C
G > 1
−80
ppm/°C
INPUT
Input Impedance
Differential
200||2
GΩ||pF
Common Mode
200||2
GΩ||pF
Input Operating Voltage Range4, 5
VS = ±2.3 V to ±18 V
−VS + 1.2
+VS − 1.5
V
Over Temperature
T = −40°C to +125°C
−VS + 1.2
+VS − 1.5
V
OUTPUT
Output Swing, RL = 10 kΩ
VS = ±15 V
−VS + 0.2
+VS − 0.2
V
Over Temperature
T = −40°C to +125°C
−VS + 0.28
+VS − 0.28
V
Output Swing, RL = 10 kΩ
VS = ±2.3 V
−VS + 0.12
+VS − 0.12
V
Over Temperature
T = −40°C to +125°C
−VS + 0.14
+VS − 0.14
V
Output Swing, RL = 2 kΩ
VS = ±15 V
−VS + 0.25
+VS − 0.25
V
Over Temperature6
T = −40°C to +125°C
−VS + 0.35
+VS − 1.43
V
Output Swing, RL = 2 kΩ
VS = ±2.3 V
−VS + 0.16
+VS − 0.16
V
Over Temperature
T = −40°C to +125°C
−VS + 0.21
+VS − 0.21
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com