Electronic Components Datasheet Search
  English  ▼

X  

635 Datasheet(PDF) 3 Page - CTS Corporation

Part # 635
Description  LVPECL or LVDS CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

635 Datasheet(HTML) 3 Page - CTS Corporation

  635 Datasheet HTML 1Page - CTS Corporation 635 Datasheet HTML 2Page - CTS Corporation 635 Datasheet HTML 3Page - CTS Corporation 635 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0284-0
Page 3 - 4
Rev. D
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 635
7.5x5.0mm Low Cost
LVPECL or LVDS Clock Oscillator
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
0.303 MAX
(7.7)
0.100
(2.54)
5
2
(2.0)
MAX
(5.08)
0.200
0.055
0.079
(5.0 ±0.2)
0.197 ±0.008
(1.4)
0.147
(3.73)
Key: (mm)
Inch
3
46
PIN 1 IDENTIFIER
0.050
(1.27)
1
SUGGESTED SOLDER PAD GEOMETRY
.165 [4.20]
.071 [1.80]
Key:
[mm]
Inch
13
4
6
C BYPASS
2
5
.200 [5.08]
.100 [2.54]
.079 [2.00]
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH or N.C.
Enable (std) or optional No Connect
2
EOH or N.C.
No Connect (std) or optional Enable
3
GND
Circuit & Package Ground
4
Output
RF Output
5
Output
Complimentary RF Output
6
VCC
Supply Voltage
1. ** - Manufacturing Site Code.
2. YYWW – Date code, YY – year, WW – week.
3. Truncated CTS part number.
4. XXXMXXXX - Frequency marked with 4
significant digits after the ‘M’.
NOTES
1. Termination pads (e4), barrier-plating is nickel
(Ni) with gold (Au) flash plate.
2. Reflow conditions per JEDEC J-STD-020.
CTS ** YYWW
635P3C3
● XXXMXXXX
TEST CIRCUIT, PECL LOAD
TEST CIRCUIT, LVDS LOAD
Enable Input or N.C.
0.01uF
SUPPLY
POWER
-
+
+
+
-
VM
-
mA
N.C. or Enable Input
(Thevenin Equivalent)
(Thevenin Equivalent)
3
4
12
D.U.T.
65
Vcc - 2.0V
50
R L
50
R L
Vcc - 2.0V
CH1
CH2
POWER
SUPPLY
+
-
+
-
-
+
VM
mA
0.01uF
D.U.T.
64
12
N.C. or Enable Input
3
5
CH1
CH2
100
R L
Enable Input or N.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com