Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G07GF Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G07GF
Description  Buffer with open-drain output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G07GF Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G07GF Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G07GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74LVC1G07
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 12 — 28 November 2016
6 of 18
NXP Semiconductors
74LVC1G07
Buffer with open-drain output
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLZ and tPZL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
2.6
6.7
1.0
8.4
ns
VCC = 2.3 V to 2.7 V
0.5
1.7
5.5
0.5
7.0
ns
VCC = 2.7 V
0.5
2.3
4.7
0.5
6.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.2
4.2
0.5
5.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.6
3.5
0.5
4.5
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-7.0
-
-
-
pF
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 8.
The input (A) to output (Y) propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com