Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G86GS Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G86GS
Description  2-input EXCLUSIVE-OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G86GS Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G86GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LVC1G86
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 2 July 2012
6 of 19
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 C.
11. Dynamic characteristics
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
IOFF
power-off
leakage current
VCC = 0 V; VI or VO =5.5 V
-
0.1
10
-
200
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
200
A
I
CC
additional
supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC  0.6 V; IO =0 A
-
5
500
-
5000
A
CI
input
capacitance
VCC =3.3 V; VI = GND to VCC
-5
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for load circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B to Y; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3.7
9.9
1.0
13.0
ns
VCC = 2.3 V to 2.7 V
0.5
2.5
5.5
0.5
7.0
ns
VCC = 2.7 V
0.5
2.8
5.8
0.5
7.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.3
5.0
0.5
6.5
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
4.0
0.5
5.5
ns
CPD
power dissipation
capacitance
VI =GND to VCC
[3]
VCC = 3.3 V
-
25
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com