Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G86GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G86GS
Description  2-input EXCLUSIVE-OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G86GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G86GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74LVC1G86
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 2 July 2012
10 of 19
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
Fig 11. Package outline SOT753 (SC-74A)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT753
SC-74A
wB
M
bp
D
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface-mounted package; 5 leads
SOT753
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.100
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
02-04-16
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com