Electronic Components Datasheet Search
  English  ▼

X  

74LVC2G66GD Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66GD
Description  Bilateral switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66GD Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66GD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66GD Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 15 December 2016
11 of 26
NXP Semiconductors
74LVC2G66
Bilateral switch
11.1 Waveforms and test circuit
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 17. Input (nY or nZ) to output (nZ or nY) propagation delays
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 18. Enable and disable times
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 1.95 V
0.5
 V
CC
0.5
 V
CC
VOL + 0.15 V
VOH  0.15 V
2.3 V to 2.7 V
0.5
 V
CC
0.5
 V
CC
VOL + 0.15 V
VOH  0.15 V
2.7V
1.5V
1.5 V
VOL + 0.3 V
VOH  0.3 V
3.0Vto 3.6V
1.5V
1.5 V
VOL + 0.3 V
VOH  0.3 V
4.5 V to 5.5 V
0.5
 V
CC
0.5
 V
CC
VOL + 0.3 V
VOH  0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com